Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCAM-PS20-U01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UCAM-PS20-U01
Description  2D Smart Counting Camera
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UCAM-PS20-U01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UCAM-PS20-U01 Datasheet HTML 1Page - Advantech Co., Ltd. UCAM-PS20-U01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UCAM-120
Dimensions
Recessed Mount
Ordering Information
Part Number
Description
UCAM-120A-U01
2D Smart Counting Camera with recessed mounting kit
UCAM-PS20-U01
Recessed mounting kit
UCAM-PS21-U01
Surface mounting kit
Unit: mm
Unit: mm
Specifications
Hardware
Materials
Shell: Flame Retardant Polycarbonate (UL94 V-0 Flame Class Rating or Equivalent)
Dimensions
Device: 95 x 95 x 58 mm
Package Box: 173 x 118 x 87 mm
Weight
0.5kg
Power
5W
Lens Options
2.2mm wide-angle lens
Internal Storage
512MB DD3R
Flash
8GB EMMC
Network
100M Ethernet
RTC working time
Minimum 3 days after a power outage
LED
3 dual-color LED
Power Supply
13.5W POE
Work Environment
Working Temperature
0°C – 50°C
Parameters
Mounting Height
2.5m – 5m
Tilt Angle
10° – +10°
Maximum Tracking Capability
20 - 100 people simultaneously (need license to support)
Accuracy
Traffic flow of 1,000 people per hour,
≥95%
Traffic flow of 3,000 people per hour,
≥90%
Traffic flow of 5,000 people per hour,
≥85%
97.5
12
50.80
58.80
97.5
83.50
12
Ø9
Ø153
Ø21
Ø127


Similar Part No. - UCAM-PS20-U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UCAM-130 ADVANTECH-UCAM-130 Datasheet
1Mb / 2P
   (3D Smart Counting Camera)
10-May-2018
UCAM-130A-U01 ADVANTECH-UCAM-130A-U01 Datasheet
1Mb / 2P
   (3D Smart Counting Camera)
10-May-2018
UCAM-220TT-U01 ADVANTECH-UCAM-220TT-U01 Datasheet
462Kb / 2P
   AMiS Thermography Cart
29-Jun-2020
logo
List of Unclassifed Man...
UCAM-II ETC2-UCAM-II Datasheet
1Mb / 22P
   Serial Camera Module
More results

Similar Description - UCAM-PS20-U01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UCAM-130 ADVANTECH-UCAM-130 Datasheet
1Mb / 2P
   (3D Smart Counting Camera)
10-May-2018
ICAM-7000 ADVANTECH-ICAM-7000 Datasheet
221Kb / 1P
   Smart Camera
22-Dec-2020
logo
Hamamatsu Corporation
C2741-32A HAMAMATSU-C2741-32A Datasheet
50Kb / 2P
   PHOTON COUNTING I-CCD VIDEO CAMERA
logo
HiSilicon(Shanghai) Tec...
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
List of Unclassifed Man...
ARGOS-A100 ETC1-ARGOS-A100 Datasheet
662Kb / 2P
   The smart CDK - Camera Dev. Kit
logo
SparkFun Electronics
SEN-15137 SPARKFUN-SEN-15137 Datasheet
106Kb / 2P
   JeVois Smart Machine Vision Camera SEN-15137
1??1??9
logo
Level One
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com