Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-SMSU4-32G-S9C Datasheet(PDF) 10 Page - Advantech Co., Ltd.

Part # SQF-SMSU4-32G-S9C
Description  Support SATA 1.5/3.0/6.0 Gbps interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-SMSU4-32G-S9C Datasheet(HTML) 10 Page - Advantech Co., Ltd.

Back Button SQF-SMSU4-32G-S9C Datasheet HTML 6Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 7Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 8Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 9Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 10Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 11Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 12Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 13Page - Advantech Co., Ltd. SQF-SMSU4-32G-S9C Datasheet HTML 14Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SQFlash
mSATA 630
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.5
Page 10 of 25
Jun. 8, 2015
5.
Pin Assignment and Description
5.1
mSATA Interface Pin Assignments
Pin #
Function
Description
1
NC
No Connect
2
+3.3V
3.3V Source
3
NC
No Connect
4
DGND
Digital GND
5
NC
No Connect
6
NC
No Connect
7
NC
No Connect
8
NC
No Connect
9
DGND
Digital GND
10
NC
No Connect
11
NC
No Connect
12
NC
No Connect
13
NC
No Connect
14
NC
No Connect
15
DGND
Digital GND
16
NC
No Connect
17
NC
No Connect
18
DGND
Digital GND
19
NC
No Connect
20
NC
No Connect
21
SATA GND
SATA Ground Return Pin
22
NC
No Connect
23
B+
Host Receiver Differential Signal Pair
24
+3.3V
3.3V Source
25
B-
Host Receiver Differential Signal Pair
26
SATA GND
SATA Ground Return Pin
27
SATA GND
SATA Ground Return Pin
28
NC
No Connect
29
SATA GND
SATA Ground Return Pin
30
NC
No Connect
31
A-
Host Transmitter Differential Signal Pair
32
NC
No Connect
33
A+
Host Transmitter Differential Signal Pair
34
DGND
Digital GND
35
SATA GND
SATA Ground Return Pin
36
NC
No Connect
37
SATA GND
SATA Ground Return Pin
38
NC
No Connect
39
+3.3V
3.3V Source
40
DGND
Digital GND
41
+3.3V
3.3V Source
42
NC
No Connect
43
NC
No Connect
44
DEVSLP
Enter/Exit DevSleep
45
NC
Reserved pin
46
NC
No Connect


Similar Part No. - SQF-SMSU4-32G-S9C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMSU4-XG-S8C ADVANTECH-SQF-SMSU4-XG-S8C Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMSU4-XG-S8E ADVANTECH-SQF-SMSU4-XG-S8E Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMSU4-XG-S9C ADVANTECH-SQF-SMSU4-XG-S9C Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMSU4-XG-S9E ADVANTECH-SQF-SMSU4-XG-S9E Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMSU4-XX-SBC ADVANTECH-SQF-SMSU4-XX-SBC Datasheet
696Kb / 1P
   SATA III (6.0Gb) mSATA
More results

Similar Description - SQF-SMSU4-32G-S9C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_14 Datasheet
376Kb / 2P
   4 SATA-600 support RAID 0,1,5,10
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com