Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-SMSS2-8G-S9E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # SQF-SMSS2-8G-S9E
Description  Support SATA 1.5/3.0/6.0 Gbps interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-SMSS2-8G-S9E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  SQF-SMSS2-8G-S9E Datasheet HTML 1Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 2Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 3Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 4Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 5Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 6Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 7Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 8Page - Advantech Co., Ltd. SQF-SMSS2-8G-S9E Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SQFlash
mSATA 630
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.5
Page 3 of 25
Jun. 8, 2015
Revision History
Rev.
Date
History
0.1
2014/2/17
1.
1
st draft
0.2
2014/04/03
1.
Update information
0.3
2014/12/25
1.
Add 1-CH 8G MLC
0.4
2015/2/6
1.
Update write protect pin description
0.5
2015/6/8
1.
Correct the description of Write Protect jumper
Advantech reserves the right to make changes without further notice to any products or data herein to improve reliability, function, or
design. Information furnished by Advantech is believed to be accurate and reliable. However, Advantech does not assure any liability
arising out of the application or use of this information, nor the application or use of any product or circuit described herein, neither
does it convey any license under its patent rights nor the rights of others.
Copyright © 1983-2010 Advantech Co., Ltd. All rights reserved.


Similar Part No. - SQF-SMSS2-8G-S9E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMSS2-8G-S8C ADVANTECH-SQF-SMSS2-8G-S8C Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
SQF-SMSS2-8G-S8E ADVANTECH-SQF-SMSS2-8G-S8E Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
More results

Similar Description - SQF-SMSS2-8G-S9E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_14 Datasheet
376Kb / 2P
   4 SATA-600 support RAID 0,1,5,10
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com