Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEV-G2500V Datasheet(PDF) 1 Page - Schurter Inc.

Part # SEV-G2500V
Description  NH-Sicherung, SEV G2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SEV-G2500V Datasheet(HTML) 1 Page - Schurter Inc.

  SEV-G2500V Datasheet HTML 1Page - Schurter Inc. SEV-G2500V Datasheet HTML 2Page - Schurter Inc. SEV-G2500V Datasheet HTML 3Page - Schurter Inc. SEV-G2500V Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Heavy current
SEV-G2 500V
https://www.schurter.com /PG13_14_15
other products
NH-Sicherung, SEV G2
See below:
Approvals and Compliances
Description
- Characteristic gG
- According to IEC 269
- According to EN 60269
- Selectiviti 1:1.6
- Removal tags energized
- Dimensions according to SNV 24482
Weblinks
pdf datasheet, html-datasheet, CAD-Drawings, Detailed request for
product
Technical Data
Rated Current In
40- 250 A
Rated Voltage
500 VAC
Breaking Capacity
120 kA
Rated Power Operating Fre-
quency fe
50 Hz
Basic Design
Insulator
Ceramic
Metal components
corrosion-resistant (rustproof)
Power Dissipation (Watt) operating temperature max.
The power dissipation is the so called power loss at rated current load and operation temeperature acc. VDE 0636 . It is to be measeured in Watt at
AC condition. The voltage tap is to be assured that the power dissipation of the blade contacts are included. This means the measure contact need
to be applied at the ends of the blade contacts. The standard VDE 0636 part 1 and 2 requires that following maximal permissiable power losses are
not exceeded.
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - SEV-G2500V

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
283Kb / 3P
   Fuse link, SEV G2 500V (gG)
04.01.2022
SEV-G2500V SCHURTER-SEV-G2500V_V01 Datasheet
283Kb / 3P
   Fuse link, SEV G2 500V (gG)
04.01.2022
More results

Similar Description - SEV-G2500V

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SEV-G2-500V SCHURTER-SEV-G2-500V Datasheet
271Kb / 3P
   NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V_V01 Datasheet
283Kb / 3P
   Fuse link, SEV G2 500V (gG)
04.01.2022
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
   GHB-3M30-G2
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
   CONN,RJ45,1X1,10G,G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
   DataTraveler Elite G2
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
   Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
List of Unclassifed Man...
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
   Nano WiReach G2 N1
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
logo
Ledil, Inc.
C14658 LEDIL-C14658 Datasheet
5Mb / 3P
   Colour mixing sublens for BARBARA-PF, BARBARA-G2 and BROOKE-G2
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
   NH bases
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com