Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62243-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62243-Q1
Description  Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62243-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62243-Q1 Datasheet HTML 1Page - Texas Instruments TPS62243-Q1 Datasheet HTML 2Page - Texas Instruments TPS62243-Q1 Datasheet HTML 3Page - Texas Instruments TPS62243-Q1 Datasheet HTML 4Page - Texas Instruments TPS62243-Q1 Datasheet HTML 5Page - Texas Instruments TPS62243-Q1 Datasheet HTML 6Page - Texas Instruments TPS62243-Q1 Datasheet HTML 7Page - Texas Instruments TPS62243-Q1 Datasheet HTML 8Page - Texas Instruments TPS62243-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IOUT [mA ]
0.01
0.1
1
10
100
300
300
30
35
40
45
50
55
60
65
70
75
80
85
90
95
VIN = 2.3V
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
V
= 1.25V
OUT
VIN
GND
EN
FB
SW
TPS62244-Q1
L1
2.2µH
CIN
4.7µF
COUT
10 µF
Up to 300mA
V
1.25V
OUT
V
2.0V to 6.0V
IN
ON
OFF
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62243-Q1, TPS62244-Q1
SLVSEK3 – MARCH 2018
TPS6224X-Q1 Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
1
1 Features
1
AEC-Q100 Qualified with following results:
Device Temperature Grade 1: -40°C to 125°C
Operating Junction Temeperature Range
Output Current Up to 300 mA
VIN Range From 2 V to 6 V
2.25-MHz Fixed-Frequency Operation in PWM
Mode
Power-Save Mode at Light Load Currents
Output Voltage Accuracy in PWM Mode ±1.5%
Fixed Output Voltages
1.80V TPS62243-Q1
1.25V TPS62244-Q1
15-μA Typical Quiescent Current
100% Duty Cycle for Lowest Dropout
Available in a TSOT 23 (5) 2.90-mm × 1.60-mm
Package
2 Applications
Remote Keyless Entry (RKE)
Passive Entry Passive Start (PEPS)
Advanced Driver Assistance Systems (ADAS)
Front Camera, Surround View, and Park Assist
3 Description
The
TPS6224x-Q1
devices
are
high-efficiency
synchronous DC/DC step-down converters providing
a fixed output voltage and up to 300 mA of output
current. They offer low power consumption for
battery-powered/always-on automotive applications
like Remote Keyless Entry (RKE) or Passive Entry
Passive Start (PEPS) key fobs and base stations.
With an input voltage range of 2 V to 6 V, the devices
support applications powered by Li-MnO2 coin cell
batteries, Li-Ion batteries, two- (2S) and three-cell
(3S) alkaline, 3.3-V and 5-V input voltage rails. The
TPS6224x-Q1 operate at a 2.25-MHz fixed switching
frequency at high load current and enters the power-
save mode operation at light load currents to maintain
high efficiency and low power consumption over the
entire load current range. The power-save mode is
optimized
for
low
output-voltage
ripple.
In
the
shutdown mode, the current consumption is reduced
to less than 1 μA. The TPS6224x-Q1 allow the use of
small inductors and capacitors to achieve a small
solution size, and is available in a 5-pin TSOT23
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6224X-Q1
TSOT (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Output Current


Similar Part No. - TPS62243-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62243 TI-TPS62243 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243 TI1-TPS62243 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRV TI-TPS62243DRV Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRVR TI-TPS62243DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62243DRVR TI1-TPS62243DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Similar Description - TPS62243-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
logo
Texas Instruments
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com