Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61256A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61256A
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61256A Datasheet HTML 8Page - Texas Instruments TPS61256A Datasheet HTML 9Page - Texas Instruments TPS61256A Datasheet HTML 10Page - Texas Instruments TPS61256A Datasheet HTML 11Page - Texas Instruments TPS61256A Datasheet HTML 12Page - Texas Instruments TPS61256A Datasheet HTML 13Page - Texas Instruments TPS61256A Datasheet HTML 14Page - Texas Instruments TPS61256A Datasheet HTML 15Page - Texas Instruments TPS61256A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
TPS61256A
SLVSB07A – JULY 2011 – REVISED MARCH 2018
www.ti.com
Product Folder Links: TPS61256A
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
8.7.4 Load Disconnect And Reverse Current Protection
Regular boost converters do not disconnect the load from the input supply and therefore a connected battery will
be discharge during shutdown. The advantage of TPS61256A is that this converter is disconnecting the output
from the input of the power supply when it is disabled (so called true shutdown mode). In case of a connected
battery it prevents it from being discharge during shutdown of the converter.
8.8 Device Functional Modes
8.8.1 Load Disconnect And Reverse Current Protection
Regular boost converters do not disconnect the load from the input supply and therefore a connected battery will
be discharge during shutdown. The advantage of TPS61256A is that this converter is disconnecting the output
from the input of the power supply when it is disabled (so called true shutdown mode). In case of a connected
battery it prevents it from being discharge during shutdown of the converter.
8.8.2 Softstart
The TPS61256A device has an internal softstart circuit that limits the inrush current during start-up. The first step
in the start-up cycle is the pre-charge phase. During pre-charge, the rectifying switch is turned on until the output
capacitor is charged to a value close to the input voltage. The rectifying switch is current limited (approx. 200mA)
during this phase. This mechanism is used to limit the output current under short-circuit condition.
Once the output capacitor has been biased to the input voltage, the converter starts switching. The soft-start
system progressively increases the on-time as a function of the input-to-output voltage ratio. As soon as the
output voltage is reached, the regulation loop takes control and full current operation is permitted.
8.8.3 Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and the battery
from excessive discharge. It disables the output stage of the converter once the falling VIN trips the under-voltage
lockout threshold VUVLO which is typically 2.0V. The device starts operation once the rising VIN trips VUVLO
threshold plus its hysteresis of 100 mV at typ. 2.1V.
8.8.4 Thermal Regulation
The TPS61256A device contains a thermal regulation loop that monitors the die temperature during the pre-
charge phase. If the die temperature rises to high values of about 110 °C, the device automatically reduces the
current to prevent the die temperature from increasing further. Once the die temperature drops about 10 °C
below the threshold, the device will automatically increase the current to the target value. This function also
reduces the current during a short-circuit condition.
8.8.5 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 140°C (typ.) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned-off. When the junction temperature falls below the
thermal shutdown minus its hysteresis, the device continuous the operation.


Similar Part No. - TPS61256A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256 TI1-TPS61256 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256 TI-TPS61256 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS612561A TI-TPS612561A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612561A TI1-TPS612561A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS612562CYFFR TI1-TPS612562CYFFR Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61256A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com