Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65210A-24LTXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C65210A-24LTXI
Description  USB Billboard Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65210A-24LTXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C65210A-24LTXI Datasheet HTML 1Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 2Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 3Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 4Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 5Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY7C65210A-24LTXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document Number: 001-97082 Rev. *E
Page 4 of 19
CY7C65210, CY7C65217
CY7C65210A, CY7C65217A
CY7C65210 and CY7C65210A Pin Description
Pin[2]
Type
Name
Default
Description
1GPIO
GPIO_6
Tristate
GPIO
2GPIO
GPIO_7
Tristate
GPIO
3Power
VSSD
Digital Ground
4GPIO
GPIO_8
Tristate
GPIO
5GPIO
GPIO_9
Tristate
GPIO
6GPIO
GPIO_10
Tristate
GPIO
7
GPIO
GPIO_11
POWER#
GPIO (CY7C65210)
GPIO
GPIO_11
Tristate
GPIO (CY7C65210A)
8
Output
SUSPEND
On CY7C65210, this pin indicates
that the device in Suspend mode.
Can be configured as active
LOW/HIGH using the configuration
utility.
GPIO
GPIO_12
Tristate
On CY7C65210A, this pin serves as
GPIO.
9
Input
WAKEUP
On CY7C65210, this pin is
configured to wake up the device
from Suspend mode. Can be
configured as active LOW/HIGH
using the configuration utility.
GPIO
GPIO_13
Tristate
On CY7C65210A, this pin serves as
GPIO.
10
USBIO
USBDP
USB Data Signal Plus, integrates
termination resistor and a 1.5-k
pull-up resistor
11
USBIO
USBDM
USB Data Signal Minus, integrates
termination resistor
12
Power
VCCD
This pin should be decoupled to
ground using a 1-µF capacitor or by
connecting a 1.8-V supply
13
Power
VSSD
Digital Ground
14
nXRES
nXRES
Chip reset, active low. Can be left
unconnected or have a pull-up
resistor connected if not used
15
Power
VBUS
VBUS Supply, 3.15 V to 5.25 V
16
Power
VSSD
Digital Ground
17
Power
VSSA
Analog Ground
18
Input
Debug I/O
Used for debug purpose. Should be
left floating.
19
GPIO
GPIO_1
Input
Can be used as wakeup source to
wakeup device from Suspend mode.
20
GPIO
GPIO_2
Tristate
GPIO
21
SCB/GPIO
SCB_1/GPIO_3
SCL
I2C SCL
22
SCB/GPIO
SCB_2/GPIO_4
SDA
I2C SDA
23
GPIO
GPIO_5
Tristate
GPIO
24
Power
VDDD
Supply to the device core and
Interface, 1.71 V to 5.5 V
CY7C65210-
24-pin QFN
Top View
1
2
3
4
5
6
17
16
15
14
13
18
GPIO_6
GPIO_7
VSSD
GPIO_8
GPIO_9
GPIO_10
Debug I/O
VSSA
VSSD
VBUS
nXRES
VSSD
CY7C65210A-
24-pin QFN
Top View
1
2
3
4
5
6
17
16
15
14
13
18
GPIO_6
GPIO_7
VSSD
GPIO_8
GPIO_9
GPIO_10
Debug I/O
VSSA
VSSD
VBUS
nXRES
VSSD
Note
2. Any pin acting as an Input pin should not be left unconnected.


Similar Part No. - CY7C65210A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65211 CYPRESS-CY7C65211 Datasheet
725Kb / 34P
   USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
CY7C65211-24LTXI CYPRESS-CY7C65211-24LTXI Datasheet
725Kb / 34P
   USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
CY7C65211-24LTXIT CYPRESS-CY7C65211-24LTXIT Datasheet
725Kb / 34P
   USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
CY7C65211A CYPRESS-CY7C65211A Datasheet
725Kb / 34P
   USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
CY7C65211A-24LTXI CYPRESS-CY7C65211A-24LTXI Datasheet
725Kb / 34P
   USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
More results

Similar Description - CY7C65210A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TPS65982BB TI1-TPS65982BB Datasheet
1Mb / 40P
[Old version datasheet]   TPS65982BB Dual USB Billboard for USB-PD Devices with Integrated 5-V Load Switch
TPS65982BB TI1-TPS65982BB_V01 Datasheet
1Mb / 44P
[Old version datasheet]   TPS65982BB Dual USB Billboard for USB-PD Devices with Integrated 5-V Load Switch
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com