Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22917 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22917
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22917_18 Datasheet HTML 1Page - Texas Instruments TPS22917_18 Datasheet HTML 2Page - Texas Instruments TPS22917_18 Datasheet HTML 3Page - Texas Instruments TPS22917_18 Datasheet HTML 4Page - Texas Instruments TPS22917_18 Datasheet HTML 5Page - Texas Instruments TPS22917_18 Datasheet HTML 6Page - Texas Instruments TPS22917_18 Datasheet HTML 7Page - Texas Instruments TPS22917_18 Datasheet HTML 8Page - Texas Instruments TPS22917_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TPS22917
SLVSDW8A – SEPTEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS22917
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
6
V
VON
Enable voltage
–0.3
6
V
VQOD
QOD pin voltage
–0.3
6
V
IMAX
Maximum continuous switch current
2
A
IPLS
Maximum pulsed switch current, pulse < 300-µs, 2% duty cycle
2.5
A
TJ,MAX
Maximum junction temperature
125
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Maximum Lead temperature (10-s soldering time)
300
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
1
5.5
V
VOUT
Output voltage
0
5.5
V
VIH
High-level input voltage, ON
1
5.5
V
VIL
Low-level input voltage, ON
0
0.35
V
VQOD
QOD Pin Voltage
0
5.5
V
VCT
Timing Capacitor Voltage Rating
7
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
Thermal Parameters(1)
TPS22917
UNIT
DBV (SOT-23)
6 PINS
θJA
Junction-to-ambient thermal resistance
183
°C/W
θJCtop
Junction-to-case (top) thermal resistance
152
°C/W
θJB
Junction-to-board thermal resistance
34
°C/W
ψJT
Junction-to-top characterization parameter
37
°C/W
ψJB
Junction-to-board characterization parameter
33
°C/W


Similar Part No. - TPS22917_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917DBVR TI-TPS22917DBVR Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVT TI-TPS22917DBVT Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917LDBVR TI-TPS22917LDBVR Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917X TI-TPS22917X Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Similar Description - TPS22917_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
[Old version datasheet]   Ultra-Low Leakage Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com