Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65211A Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C65211A
Description  USB-Serial Single-Channel (UART/I2C/SPI)Bridge with CapSense짰 and BCD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65211A Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C65211A Datasheet HTML 1Page - Cypress Semiconductor CY7C65211A Datasheet HTML 2Page - Cypress Semiconductor CY7C65211A Datasheet HTML 3Page - Cypress Semiconductor CY7C65211A Datasheet HTML 4Page - Cypress Semiconductor CY7C65211A Datasheet HTML 5Page - Cypress Semiconductor CY7C65211A Datasheet HTML 6Page - Cypress Semiconductor CY7C65211A Datasheet HTML 7Page - Cypress Semiconductor CY7C65211A Datasheet HTML 8Page - Cypress Semiconductor CY7C65211A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY7C65211
CY7C65211A
USB-Serial Single-Channel (UART/I2C/SPI)
Bridge with CapSense® and BCD
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-82042 Rev. *K
Revised March 21, 2018
USB-Serial Single-Channel (UART/I2C/SPI) Bridge with CapSense® and BCD
Features
USB 2.0-certified, Full-Speed (12 Mbps)
Supports communication driver class (CDC), personal health
care device class (PHDC), and vendor-device class
Battery charger detection (BCD) compliant with USB Battery
Charging Specification, Rev. 1.2 (Peripheral Detect only)
Integrated USB termination resistors
Single-channel configurable UART interface
Data rates up to 3 Mbps
190 bytes for each transmit and receive buffer
Supports 2-pin,4-pin and 6-pin UART interface
Data format:
• 7 to 8 data bits
• 1 to 2 stop bits
• No parity, even, odd, mark, or space parity
Supports parity, overrun, and framing errors
Supports flow control using CTS, RTS, DTR, DSR
Supports UART break signal
CY7C65211 supports single channel RS232/RS422
interfaces whereas CY7C65211A supports
RS232/RS422/RS485 interfaces
Single-channel configurable SPI interface
Data rate up to 3 MHz for SPI master and 1 MHz for SPI slave
Data width: 4 bits to 16 bits
256 bytes for each transmit and receive buffer
Supports Motorola, TI, and National SPI modes
Single-channel configurable I2C interface
Master/slave up to 400 kHz
256 bytes each transmit and receive buffer
Supports multi-master I2C
CapSense®
SmartSense™ Auto-Tuning is supported through a
Cypress-supplied configuration utility
Max CapSense buttons: 5
GPIOs linked to CapSense buttons
General-purpose input/output (GPIO) pins: 10
Supports unique serial number feature for each device, which
fixes the COM port number permanently when USB-serial
Bridge controller as CDC device plugs in
512-byte flash for storing configuration parameters
Configuration utility (Windows) to configure the following:
Vendor ID (VID), Product ID (PID), and Product and
Manufacturer descriptors
UART/I2C/SPI
CapSense
Charger detection
GPIO
Driver support for VCOM and DLL
Windows 10: 32- and 64-bit versions
Windows 8.1: 32- and 64-bit versions
Windows 8: 32- and 64-bit versions
Windows 7: 32- and 64-bit versions
Windows Vista: 32- and 64-bit versions
Windows XP: 32- and 64-bit versions
Windows CE
Mac OS-X: 10.6, 10.7
Linux: Kernel version 2.6.35 onwards.
Android: Gingerbread and later versions
Clocking: Integrated 48-MHz clock oscillator
Supports bus-/self-powered configurations
USB Suspend mode for low power
Operating voltage: 1.71 to 5.5 V
Operating temperature:
Commercial: 0 °C to 70 °C
Industrial: –40 °C to 85 °C
ESD protection: 2.2-kV HBM
RoHS-compliant package
24-pin QFN (4.0 mm × 4.0 mm, 0.55 mm, 0.5 mm pitch)
Ordering part number
CY7C65211-24LTXI
CY7C65211A-24LTXI
Applications
Medical/healthcare devices
Point-of-Sale (POS) terminals
Test and measurement system
Gaming systems
Set-top box PC-USB interface
Industrial
Networking
Enabling USB connectivity in legacy peripherals
Functional Description
For a complete list of related resources, click here.
USB-Compliant
The USB-Serial Single-Channel Bridge with CapSense and BCD (CY7C65211/CY7C65211A) is fully
compliant with the USB 2.0 specification and Battery Charging Specification v1.2, USB-IF Test-ID (TID)
40001521.


Similar Part No. - CY7C65211A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65210 CYPRESS-CY7C65210 Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210-24LTXI CYPRESS-CY7C65210-24LTXI Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210-24LTXIT CYPRESS-CY7C65210-24LTXIT Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210A CYPRESS-CY7C65210A Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210A-24LTXI CYPRESS-CY7C65210A-24LTXI Datasheet
278Kb / 19P
   USB Billboard Controller
More results

Similar Description - CY7C65211A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65215 CYPRESS-CY7C65215 Datasheet
795Kb / 35P
   USB-Serial Dual Channel (UART/I2C/SPI) Bridge with CapSense짰 and BCD
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
   USB to Serial UART Bridge Converter
logo
Exar Corporation
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
logo
Exar Corporation
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
logo
Exar Corporation
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com