Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25422KV18-333BZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C25422KV18-333BZXI
Description  72-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25422KV18-333BZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C25422KV18-333BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C25422KV18-333BZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Document Number: 001-90368 Rev. *D
Page 8 of 28
CY7C25422KV18
On-Die Termination (ODT)
These devices have an On-Die Termination feature for Data
inputs (D[x:0]), Byte Write Selects (BWS[x:0]), and Input Clocks (K
and K). The termination resistors are integrated within the chip.
The ODT range selection is enabled through ball R6 (ODT pin).
The ODT termination tracks value of RQ where RQ is the resistor
tied to the ZQ pin. ODT range selection is made during power up
initialization. A LOW on this pin selects a low range that follows
RQ/3.33 for 175
< RQ < 350 (where RQ is the resistor tied
to ZQ pin)
A HIGH on this pin selects a high range that follows
RQ/1.66 for 175
< RQ < 250 (where RQ is the resistor tied
to ZQ pin). When left floating, a high range termination value is
selected by default. For a detailed description on the ODT
implementation, refer to the application note, On-Die Termination
for QDRII+/DDRII+ SRAMs.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
20
s of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in QDR I mode with one cycle latency and a longer
access time). For information, refer to the application note, PLL
Considerations in QDRII/DDRII/QDRII+/DDRII+.
Application Example
Figure 2 shows two QDR II+ used in an application.
Figure 2. Application Example
D[x:0]
ARPS WPS BWS KK
Q[x:0]
ZQ
SRAM#1
CQ/CQ
D[x:0]
ARPS WPS BWS KK
Q[x:0]
ZQ
SRAM#2
CQ/CQ
DATA IN[2x:0]
DATA OUT [2x:0]
ADDRESS
RPS
WPS
BWS
CLKIN1/CLKIN1
CLKIN2/CLKIN2
SOURCE K
SOURCE K
FPGA / ASIC
RQ
RQ


Similar Part No. - CY7C25422KV18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2542KV18 CYPRESS-CY7C2542KV18 Datasheet
835Kb / 26P
   72-Mbit QDR짰II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
More results

Similar Description - CY7C25422KV18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25442KV18 CYPRESS-CY7C25442KV18 Datasheet
741Kb / 28P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2245KV18 CYPRESS-CY7C2245KV18 Datasheet
841Kb / 28P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com