Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USN1206 Datasheet(PDF) 2 Page - Schurter Inc.

Part # USN1206
Description  Thermal sensitive Fuse, SMD 1206, 32 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

USN1206 Datasheet(HTML) 2 Page - Schurter Inc.

  USN1206 Datasheet HTML 1Page - Schurter Inc. USN1206 Datasheet HTML 2Page - Schurter Inc. USN1206 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermofuses
USN 1206
https://www.schurter.com /PG22
Fuses
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
AEC
Q200
Automotive
SCHURTER AG
AEC-Q200 is a test standard for passive components used in automotive
applications. SCHURTER tests components according to the customer's
agreement and is certified according to IATF 16949.
Dimension [mm]
3.2 mm
3.20±0.15 0.84±0.10
3.0±0.20
2.4±0.20
Reflow soldering pads
1.2
1.6
1.2
Pre-Arcing Time
Rated Current In
18 A @ 240°C
±10°C max.
80 A @ 23°C
min.
12 A
170 s
10 ms


Similar Part No. - USN1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USN1206 SCHURTER-USN1206 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
More results

Similar Description - USN1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
   Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
   SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Schurter Inc.
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com