Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USN1206 Datasheet(PDF) 3 Page - Schurter Inc.

Part # USN1206
Description  Thermal sensitive Fuse, SMD 1206, 32 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

USN1206 Datasheet(HTML) 3 Page - Schurter Inc.

  USN1206 Datasheet HTML 1Page - Schurter Inc. USN1206 Datasheet HTML 2Page - Schurter Inc. USN1206 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Thermofuses
USN 1206
https://www.schurter.com /PG22
Fuses
Time-Current-Curves
0.1
0.00001
0.001
0.01
1
10
100
1000
10000
0.0001
100000
1000000
100
10
1
-40°C
+23°C
+200°C
Current in Amperes
-A time-current-curve for a stand fuse would be equal even it ambient
temperature is high
-The time-current-curve for USN is shifting to the left while ambient
temperature increase
All Variants
Rated current
Rated Voltage
Breaking Capacity
Voltage Drop 1.0 In typ.
Cold Resistance typ.
Order Number
[A]
[VDC]
[mV]
[m
Ω]
12
32
1)
30
2
3413.0512.11
1) 170 A @ 16 VDC, 80 A @ 32 VDC
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
100 pcs in Plastic Bag
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - USN1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USN1206 SCHURTER-USN1206 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
More results

Similar Description - USN1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
   Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
   Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
   SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Schurter Inc.
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
   High Current Thermal Fuse
01-Jan-2022
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com