Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F280049_018 Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320F280049_018
Description  Piccolo Microcontrollers
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F280049_018 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320F280049_018 Datasheet HTML 71Page - Texas Instruments TMS320F280049_018 Datasheet HTML 72Page - Texas Instruments TMS320F280049_018 Datasheet HTML 73Page - Texas Instruments TMS320F280049_018 Datasheet HTML 74Page - Texas Instruments TMS320F280049_018 Datasheet HTML 75Page - Texas Instruments TMS320F280049_018 Datasheet HTML 76Page - Texas Instruments TMS320F280049_018 Datasheet HTML 77Page - Texas Instruments TMS320F280049_018 Datasheet HTML 78Page - Texas Instruments TMS320F280049_018 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 218 page
background image
75
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.8.3.2.2 Internal Clock Frequencies
Table 5-18 provides the clock frequencies for the internal clocks.
(1)
Lower LSPCLK will reduce device power consumption. The default at reset is SYSCLK/4.
Table 5-18. Internal Clock Frequencies
MIN
NOM
MAX
UNIT
f(SYSCLK)
Frequency, device (system) clock
2
100
MHz
tc(SYSCLK)
Period, device (system) clock
10
500
ns
f(VCO)
Frequency, PLL VCO (before output divider)
120
400
MHz
f(PLLRAWCLK)
Frequency, system PLL output (before SYSCLK
divider)
15
200
MHz
f(PLL)
Frequency, PLLSYSCLK
2
100
MHz
f(LSP)
Frequency, LSPCLK(1)
2
100
MHz
tc(LSPCLK)
Period, LSPCLK
10
500
ns
f(OSCCLK)
Frequency, OSCCLK (INTOSC1 or INTOSC2 or
XTAL or X1)
See respective clock
MHz
f(HRPWM)
Frequency, HRPWMCLK
60
100
MHz
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
5.8.3.2.3 Output Clock Frequency and Switching Characteristics
Table 5-19 lists the switching characteristics of the output clock, XCLKOUT.
Table 5-19. XCLKOUT Switching Characteristics(1)(2)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tf(XCO)
Fall time, XCLKOUT
5
ns
tr(XCO)
Rise time, XCLKOUT
5
ns
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns
f(XCO)
Frequency, XCLKOUT
50
MHz


Similar Part No. - TMS320F280049_018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F280049_018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com