Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF1206 Datasheet(PDF) 3 Page - Schurter Inc.

Part # USF1206
Description  Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

USF1206 Datasheet(HTML) 3 Page - Schurter Inc.

  USF1206_18 Datasheet HTML 1Page - Schurter Inc. USF1206_18 Datasheet HTML 2Page - Schurter Inc. USF1206_18 Datasheet HTML 3Page - Schurter Inc. USF1206_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
USF 1206
https://www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.1
10
1100
0.375 A
0.5 A
0.75 A
1.0 A
1.25 A
1.5 A
2.0 A
2.5 A
3.0 A
4.0 A
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 8.0
In typ. [A²s]
Order Number
0.375
125
125
E
1)
125
315
0.01
l
3413.0112.11
0.375
125
125
E
1)
125
315
0.01
l
3413.0112.22
0.375
125
125
E
1)
125
315
0.01
l
3413.0112.24
0.375
125
125
E
1)
125
315
0.01
l
3413.0112.26
0.5
125
125
F
1)
100
190
0.02
l
3413.0113.11
0.5
125
125
F
1)
100
190
0.02
l
3413.0113.22
0.5
125
125
F
1)
100
190
0.02
l
3413.0113.24
0.5
125
125
F
1)
100
190
0.02
l
3413.0113.26
0.75
32
63
G
2)
100
120
0.05
l
3413.0114.11
0.75
32
63
G
2)
100
120
0.05
l
3413.0114.22
0.75
32
63
G
2)
100
120
0.05
l
3413.0114.24
0.75
32
63
G
2)
100
120
0.05
l
3413.0114.26
1
32
63
H
2)
100
85
0.07
l
3413.0115.11
1
32
63
H
2)
100
85
0.07
l
3413.0115.22
1
32
63
H
2)
100
85
0.07
l
3413.0115.24
1
32
63
H
2)
100
85
0.07
l
3413.0115.26
1.25
32
63
J
2)
80
50
0.12
l
3413.0116.11
1.25
32
63
J
2)
80
50
0.12
l
3413.0116.22
1.25
32
63
J
2)
80
50
0.12
l
3413.0116.24
1.25
32
63
J
2)
80
50
0.12
l
3413.0116.26
1.5
32
63
K
2)
80
45
0.24
l
3413.0117.11
1.5
32
63
K
2)
80
45
0.24
l
3413.0117.22
1.5
32
63
K
2)
80
45
0.24
l
3413.0117.24
1.5
32
63
K
2)
80
45
0.24
l
3413.0117.26
2
32
63
N
2)
70
30
0.13
l
3413.0119.11
2
32
63
N
2)
70
30
0.13
l
3413.0119.22
2
32
63
N
2)
70
30
0.13
l
3413.0119.24
2
32
63
N
2)
70
30
0.13
l
3413.0119.26


Similar Part No. - USF1206_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results

Similar Description - USF1206_18

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com