Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6402AIRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6402AIRZ-T
Description  1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6402AIRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6402AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN9010.3
SHUTDOWN1/SHUTDOWN2
HIGH Level (Converter Enabled)
Internal Pull-up (3
µA)
2.0
-
-
V
LOW Level (Converter Disabled)
-
-
0.8
V
PWM CONVERTERS
Output Voltage
0.8
-
-
V
FB Pin Bias Current
--
100
nA
Maximum Duty Cycle
PWM1
71
-
-
%
PWM2
73
-
-
%
Minimum Duty Cycle
-4-
%
PWM CONTROLLER ERROR AMPLIFIERS
DC Gain (Note 8)
80
88
-
dB
Gain-Bandwidth Product (Note 8)
5.9
-
-
MHz
Slew Rate (Note 8)
-2.0
-
V/
µs
Maximum Output Voltage (Note 8)
0.9
-
-
V
Minimum Output Voltage (Note 8)
-
-
3.6
V
PWM CONTROLLER GATE DRIVERS (Note 9)
Sink/Source Current
-
400
-
mA
Upper Drive Pull-Up Resistance
VCC_5V = 4.5V
-
8
-
Upper Drive Pull-Down Resistance
VCC_5V = 4.5V
-
3.2
-
Lower Drive Pull-Up Resistance
VCC_5V = 4.5V
-
8
-
Lower Drive Pull-Down Resistance
VCC_5V = 4.5V
-
1.8
-
Rise Time
COUT = 1000pF
-
18
-
ns
Fall Time
COUT = 1000pF
-
18
-
ns
LINEAR CONTROLLER
Drive Sink Current
50
-
-
mA
FB3 Feedback Threshold
I = 21mA
-
0.8
-
V
Undervoltage Threshold
VFB
-75-
%
FB3 Input Leakage Current (Note 8)
-
-
45
nA
Amplifier Transconductance
VFB = 0.8V, I = 21mA
-
2
-
A/V
POWER GOOD AND CONTROL FUNCTIONS
PGOOD LOW Level Voltage
Pull-up = 100k
-0.1
0.5
V
PGOOD Leakage Current
-
-
±1.0
µA
PGOOD Upper Threshold, PWM 1 and 2
Fraction of set point
105
-
120
%
PGOOD Lower Threshold, PWM 1 and 2
Fraction of set point
80
-
95
%
PGOOD for Linear Controller
70
75
80
%
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to 85°C (Note 3),
Typical values are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6402A


Similar Part No. - ISL6402AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402AIRZ-T RENESAS-ISL6402AIRZ-T Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
More results

Similar Description - ISL6402AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com