Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6402AIRZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6402AIRZ-T
Description  1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6402AIRZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6402AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6402AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN9010.3
Typical Application Schematic
+
SS2
+12V
PGOOD
VCC_5V
ISL6402A
+
C1
R5
C10
23
26
4
28
6
18
16
PHASE2
Q2B
19
14
SD2
R4
21
C8
ISEN2
GATE3
5
D2
25
17
C5
R6
9
27
OCSET1
VIN
SS1
LGATE2
LGATE1
+ C9
UGATE1
UGATE2
Q1B
BOOT1
R3
C7
BOOT2
D1
R2
SGND
SD1
OCSET2
7
10
R10
8
FB2
24
1
3
2
13
L2
FB1
15
ISEN1
SGND
11
PGND
20
C3
Q1A
VOUT1
R1
Q1A
SYNC
SGND
VOUT2
Q3
+
R12
R13
C12
VOUT3
SD1
R7
+2.5V
+3.3V
+3.3V
C2
C6
L1
C4
+1.2V
(See Note)
22
R11
C11
NOTE: Pin numbers correspond to the QFN pinout.
R8
FB3
12
VCC_5V
R9
VOUT2
PHASE1
ISL6402A


Similar Part No. - ISL6402AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402AIRZ-T RENESAS-ISL6402AIRZ-T Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
More results

Similar Description - ISL6402AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com