Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2265KV18-450BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C2265KV18-450BZC
Description  36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2265KV18-450BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C2265KV18-450BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2265KV18-450BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY7C2263KV18/CY7C2265KV18
36-Mbit QDR® II+ SRAM Four-Word
Burst Architecture (2.5 Cycle Read Latency) with ODT
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-57843 Rev. *L
Revised January 4, 2016
36-Mbit QDR® II+ SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Features
Separate independent read and write data ports
Supports concurrent transactions
550 MHz clock for high bandwidth
Four-word burst for reducing address bus frequency
Double data rate (DDR) interfaces on both read and write ports
(data transferred at 1100 MHz) at 550 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-die termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Single multiplexed address input bus latches address inputs
for read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR® II+ operates with 2.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to QDR I device with 1 cycle read latency when
DOFF is asserted LOW
Available in × 18, and × 36 configurations
Full data coherency, providing most current data
Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to VDD
[1]
Supports both 1.5 V and 1.8 V I/O supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
CY7C2263KV18 offered in both Pb-free packages and
CY7C2265KV18 offered in both Pb-free and non Pb-free
packages
JTAG 1149.1 compatible test access port
Phase-locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 Cycles:
CY7C2263KV18 – 2 M × 18
CY7C2265KV18 – 1 M × 36
Functional Description
The CY7C2263KV18, and CY7C2265KV18 are 1.8 V
synchronous pipelined SRAMs, equipped with QDR II+
architecture. Similar to QDR II architecture, QDR II+ architecture
consists of two separate ports: the read port and the write port to
access the memory array. The read port has dedicated data
outputs to support read operations and the write port has
dedicated data inputs to support write operations. QDR II+
architecture has separate data inputs and data outputs to
completely eliminate the need to “turn-around” the data bus that
exists with common I/O devices. Each port is accessed through
a common address bus. Addresses for read and write addresses
are latched on alternate rising edges of the input (K) clock.
Accesses to the QDR II+ read and write ports are completely
independent of one another. To maximize data throughput, both
read and write ports are equipped with DDR interfaces. Each
address location is associated with four 18-bit words
(CY7C2263KV18), or 36-bit words (CY7C2265KV18) that burst
sequentially into or out of the device. Because data is transferred
into and out of the device on every rising edge of both input
clocks (K and K), memory bandwidth is maximized while
simplifying system design by eliminating bus “turn-arounds”.
These devices have an on-die termination feature supported for
D[x:0], BWS[x:0], and K/K inputs, which helps eliminate external
termination resistors, reduce cost, reduce board area, and
simplify board routing.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
For a complete list of related documentation, click here.
Selection Guide
Description
550 MHz
450 MHz
400 MHz
Unit
Maximum operating frequency
550
450
400
MHz
Maximum operating current
× 18
850
720
Not Offered
mA
× 36
1210
1020
920
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4 V to VDD.


Similar Part No. - CY7C2265KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2265XV18 CYPRESS-CY7C2265XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2265KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2245KV18 CYPRESS-CY7C2245KV18 Datasheet
841Kb / 28P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2163KV18 CYPRESS-CY7C2163KV18 Datasheet
874Kb / 30P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2262XV18 CYPRESS-CY7C2262XV18 Datasheet
478Kb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com