Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2268KV18-550BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C2268KV18-550BZC
Description  36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2268KV18-550BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C2268KV18-550BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C2268KV18-550BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C2268KV18/CY7C2270KV18
Document Number: 001-57845 Rev. *I
Page 7 of 31
by BWS0 and BWS1, which are sampled with each set of 18-bit
data words. Asserting the appropriate byte write select input
during the data portion of a write latches the data being
presented and writes it into the device. Deasserting the byte
write select input during the data portion of a write enables the
data stored in the device for that byte to remain unaltered. This
feature can be used to simplify read, modify, or write operations
to a byte write operation.
DDR Operation
The CY7C2268KV18 enables high performance operation
through high clock frequencies (achieved through pipelining) and
DDR mode of operation. The CY7C2268KV18 requires two No
Operation (NOP) cycle during transition from a read to a write
cycle. At higher frequencies, some applications require third
NOP cycle to avoid contention.
If a read occurs after a write cycle, address and data for the write
are stored in registers. The write information is stored because
the SRAM cannot perform the last word write to the array without
conflicting with the read. The data stays in this register until the
next write cycle occurs. On the first write cycle after the read(s),
the stored data from the earlier write is written into the SRAM
array. This is called a posted write.
If a read is performed on the same address on which a write is
performed in the previous cycle, the SRAM reads out the most
current data. The SRAM does this by bypassing the memory
array and reading the data from the registers.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals can be common between
banks as appropriate.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5 × the value of the
intended line impedance driven by the SRAM. The allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power-up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the DDR II+ to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR II+. CQ is referenced with respect to K and CQ is
referenced with respect to K. These are free-running clocks and
are synchronized to the input clock of the DDR II+. The timing for
the echo clocks is shown in the Switching Characteristics on
page 23.
Valid Data Indicator (QVLD)
QVLD is provided on the DDR II+ to simplify data capture on high
speed systems. The QVLD is generated by the DDR II+ device
along with data output. This signal is also edge aligned with the
echo clock and follows the timing of any data pin. This signal is
asserted half a cycle before valid data arrives.
On-Die Termination (ODT)
These devices have an on-die termination feature for data inputs
(D[x:0]), byte write selects (BWS[x:0]), and input clocks (K and K).
The termination resistors are integrated within the chip. The ODT
range selection is enabled through ball R6 (ODT pin). The ODT
termination tracks value of RQ where RQ is the resistor tied to
the ZQ pin. ODT range selection is made during power-up
initialization. A LOW on this pin selects a low range that follows
RQ/3.33 for 175
< RQ < 350 (where RQ is the resistor tied
to ZQ pin)
A HIGH on this pin selects a high range that follows
RQ/1.66 for 175
< RQ < 250 (where RQ is the resistor tied
to ZQ pin). When left floating, a high range termination value is
selected by default. For a detailed description on the ODT
implementation, refer to the application note, On-Die Termination
for QDRII+/DDRII+ SRAMs.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
20
s of stable clock. The PLL can also be reset by slowing or
stopping the input clock K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 20
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in DDR I mode (with one cycle latency and a longer
access time). For information, refer to the application note, PLL
Considerations in QDRII/DDRII/QDRII+/DDRII+.


Similar Part No. - CY7C2268KV18-550BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2268KV18-550BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25682KV18 CYPRESS-CY7C25682KV18 Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA Datasheet
416Kb / 31P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
Jul. 15, 2015
logo
Cypress Semiconductor
CY7C2568XV18 CYPRESS-CY7C2568XV18_12 Datasheet
883Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2568XV18 CYPRESS-CY7C2568XV18 Datasheet
908Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com