Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMT250 Datasheet(PDF) 3 Page - Schurter Inc.

Part # UMT250
Description  Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

UMT250 Datasheet(HTML) 3 Page - Schurter Inc.

  UMT250 Datasheet HTML 1Page - Schurter Inc. UMT250 Datasheet HTML 2Page - Schurter Inc. UMT250 Datasheet HTML 3Page - Schurter Inc. UMT250 Datasheet HTML 4Page - Schurter Inc. UMT250 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Fuses
UMT 250
https://www.schurter.com /PG01_2
Fuses
Dimension [mm]
10.1 mm
10.1
1.6
0.4
1.43
3
2
6.5
Soldering pads
Pre-Arcing Time
Rated Current In
1.0 x In min.
1.25 x In min. 2.0 x In max. 10.0 x In min. 10.0 x In max.
0.08 A - 6.3 A
-
60 min
120 s
10 ms
100 ms
8 A - 10 A
4 h
-
120 s
10 ms
100 ms
Time-Current-Curves
1
10
0.1
0.0001
0.001
0.01
100
1000
10000
0.1
10
1
100
80 mA
100 mA
125 mA
160 mA
200 mA
250 mA
315 mA
400 mA
500 mA
630 mA
800 mA
1 A
1.25 A
1.6 A
2 A
2.5 A
3.15 A
4 A
5 A
6.3 A
10 A
8 A
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
max [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.08
250
125
1)
1300
1030
200
0.022
l
l
l
l
3403.0155.11
0.08
250
125
1)
1300
1030
200
0.022
l
l
l
l
3403.0155.24
0.1
250
125
1)
1300
870
200
0.04
l
l
l
l
3403.0156.11
0.1
250
125
1)
1300
870
200
0.04
l
l
l
l
3403.0156.24
0.125
250
125
1)
1000
700
200
0.055
l
l
l
l
3403.0157.11
0.125
250
125
1)
1000
700
200
0.055
l
l
l
l
3403.0157.24


Similar Part No. - UMT250

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results

Similar Description - UMT250

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com