Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W12TS15001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE-W12TS15001
Description  WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-387/U Round Cover Flange to UG-385/U Round Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W12TS15001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• WR-12 to WR-15 waveguide
WR-12 waveguide UG-387/U flange
WR-15 waveguide UG-385/U flange
Gold plated finish
Precision manufactured
Applications
Radar Systems
Military and Space
Wireless Radio Systems
Telecom Infrastructure
Communication Systems
R&D Labs
Microwave Radio Systems
.
Description
The PE-W12TS15001 is part of Pasternack’s family of Waveguide Transitions (also sometimes called waveguide adapters)
used as a means of propagating RF/Microwave energy from one waveguide size to another. The PE-W12TS15001 allows the
waveguide to change from a WR-12 waveguide (using a UG-387/U flange) to a WR-15 waveguide (using a UG-385/U flange.)
The waveguide body has a plated gold finish.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
VSWR
1.2:1
Insertion Loss
0.75
dB
.
Mechanical Specifications
Size
Length
1 in [25.4 mm]
.
Weight
0.07 lbs [31.75 g]
.
Description
Flange 1
Waveguide
Flange 2
Designation
UG-387/U
WR-12 to WR-15
UG-385/U
Flange Type
Round Cover
Round Cover
Material
Brass
Brass
Brass
Plating
Gold
Gold
Gold
Plating Specification
ASTMB488
ASTMB488
ASTMB488
Finish
Gold
Gold
Gold
...
.
PE-W12TS15001 REV 1.2
PE-W12TS15001
WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-
387/U Round Cover Flange to UG-385/U Round Cover Flange
Waveguide Transitions Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-387/U Round Cover Flange to UG-
385/U Round Cover Flange PE-W12TS15001


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn