Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W12TS15001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W12TS15001
Description  WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-387/U Round Cover Flange to UG-385/U Round Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W12TS15001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W12TS15001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W12TS15001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W12TS15001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W12TS15001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical VSWR/Return Loss data taken with load.
Typical insertion loss data taken for two parts in series. The WR-15 flanges are connected together and the WR-12
flanges are connected to the test equipment.
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
60
63
65
68
70
73
75
78
80
83
85
88
90
0 dB
60 GHz
WR-12 to WR-15
Return Loss (dB)
-5
-4
-3
-2
-1
0
1
60
63
65
68
70
73
75
78
80
83
85
88
90
0 dB
60 GHz
WR-12 to WR-15
Insertion Loss (dB)
PE-W12TS15001 REV 1.2
PE-W12TS15001
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-387/U Round Cover Flange to UG-
385/U Round Cover Flange PE-W12TS15001
WR-12 to WR-15 Waveguide Transition 1 Inch Length, UG-
387/U Round Cover Flange to UG-385/U Round Cover Flange
Waveguide Transitions Technical Data Sheet


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn