Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2L3DV5 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTW-2L3DV5
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2L3DV5 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-2L3DV5 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2/10
Part No. : LTW-2L3DV5
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2L3DV5
1. Description
Through-hole white LEDs are offered in a variety of packages such as 3mm, 4mm, 5mm, rectangular and cylinder which are
suitable for all applications requiring status indication. Several intensity and viewing angle choices are available in each
package for design flexibility.
1. 1. Features
Lead (Pb) free product - RoHS compliant
Low power consumption & High efficiency.
High efficiency & reliability.
Versatile mounting on p.c. board or panel.
I.C. compatible/low current requirement.
Popular T-1 3/4 diameter. InGaN White & Water Clear
lens
1.2. Applications
Computer
Communication
Consumer
How appliance
Industrial
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn