Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2L3DV5 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part No. LTW-2L3DV5
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2L3DV5 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTW-2L3DV5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10/10
Part No. : LTW-2L3DV5
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2L3DV5
9. Reliability Test
Classification
Test Item
Test Condition
Sample Size
Reference Standard
Endurance
Test
Operation Life
Ta
= Under Room Temperature
IF = Per Data Sheet Maximum Rating
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1026
MIL-STD-883G:1005
High Temperature
High Humidity
storage (THB)
Ta
= 60°C
RH = 90%
Test Time= 240hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-202G:103B
JEITA ED-4701:100 103
High Temperature
Storage
Ta= 105 ± 5°C
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1031
MIL-STD-883G:1008
JEITA ED-4701:200 201
Low Temperature
Storage
Ta= -55 ± 5°C
Test Time= 1000hrs
22 PCS
(CL=90%;
LTPD=10%)
JEITA ED-4701:200 202
Environmental
Test
Temperature
Cycling
100°C ~ 25°C ~ -40°C ~ 25°C
30mins
5mins
30mins
5mins
Test time: 30 Cycles
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1051
MIL-STD-883G:1010
JEITA ED-4701:100 105
JESD22-A104C
Thermal
Shock
100 ± 5°C ~ -30°C ± 5°C
15mins
15mins
Test time: 30 Cycles
22 PCS
(CL=90%;
LTPD=10%)
MIL-STD-750D:1056
MIL-STD-883G:1011
MIL-STD-202G:107G
JESD22-A106B
Solder
Resistance
T.sol = 260 ± 5°C
Dwell Time= 10±1 seconds
2mm from the base of the epoxy bulb
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2031
JEITA ED-4701: 300 302
Solderability
T. sol = 245 ± 5°C
Dwell Time= 5 ± 0.5 seconds
(Lead Free Solder, Coverage ≧95% of
the dipped surface)
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2026
MIL-STD-883G:2003
MIL-STD-202G:208H
IPC/EIA J-STD-002
Soldering Iron
T. sol = 350 ± 5°C
Dwell Time= 3.5 ± 0.5 seconds
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-202G:208H
JEITA ED-4701:300 302
10. Others
White LED is materialized by combining blue LED and phosphors. Color of White LED is changed a little by an operating current.
The appearance and specifications of the product may be modified for improvement, without prior notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn