Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2L3DV5 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part No. LTW-2L3DV5
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2L3DV5 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTW-2L3DV5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
9/10
Part No. : LTW-2L3DV5
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2L3DV5
8.7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
 Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
 All devices, equipment, and machinery must be properly grounded
 Work tables, storage racks, etc. should be properly grounded
 Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic
lens as a result of friction between LEDs during storage and handing
Suggested checking list:
Training and Certification
8.7.1.1. Everyone working in a static-safe area is ESD-certified?
8.7.1.2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
8.7.2.1. Static-safe workstation or work-areas have ESD signs?
8.7.2.2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
8.7.2.3. All ionizer activated, positioned towards the units?
8.7.2.4. Each work surface mats grounding is good?
Personnel Grounding
8.7.3.1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes
with conductive flooring?
8.7.3.1. If conductive footwear used, conductive flooring also present where operator stand or walk?
8.7.3.2. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
8.7.3.3. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
8.7.3.4. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
8.7.4.1. Every ESDS items identified by EIA-471 labels on item or packaging?
8.7.4.2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
8.7.4.3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
8.7.4.4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
8.7.5.1. Audit result reported to entity ESD control coordinator?
8.7.5.2. Corrective action from previous audits completed?
8.7.5.3. Are audit records complete and on file?


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn