Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2L3DV5 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part No. LTW-2L3DV5
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2L3DV5 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTW-2L3DV5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6/10
Part No. : LTW-2L3DV5
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2L3DV5
7. Bin Table Specification
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Note: Tolerance of each bin limit is ±15%
Hue Ranks
Chromaticity Coordinates, CC(x, y), IF@20mA
B1
x
0.2700
0.2900
0.2900
0.2700
y
0.2455
0.2735
0.3060
0.2785
B2
x
0.2700
0.2900
0.2900
0.2700
y
0.2130
0.2410
0.2735
0.2455
C1
x
0.2900
0.3100
0.3100
0.2900
y
0.2735
0.3030
0.3355
0.3060
C2
x
0.2900
0.3100
0.3100
0.2900
y
0.2410
0.2705
0.3030
0.2735
D1
x
0.3100
0.3300
0.3300
0.3100
y
0.3030
0.3325
0.3650
0.3355
D2
x
0.3100
0.3300
0.3300
0.3100
y
0.2705
0.3000
0.3325
0.3030
Note: Color Coordinates Measurement allowance is ±0.01


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn