Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-2L3DV5 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part No. LTW-2L3DV5
Description  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2L3DV5 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTW-2L3DV5 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2L3DV5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3/10
Part No. : LTW-2L3DV5
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2L3DV5
3. Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
114
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
100
mA
DC Forward Current
30
mA
Derating Linear From 30℃
0.45
mA/℃
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
2500
5200
9300
mcd
IF = 20mA
Note 1,3,4
Viewing Angle
2θ1/2
50
deg
Note 2 (Fig.6)
Chromaticity Coordinates
x
0.29
nm
IF = 20mA, Note 5
Hue Spec. Table &
Chromaticity Diagram
y
0.28
nm
Forward Voltage
VF
2.7
3.3
3.8
V
IF = 20mA
Reverse Current
IR
50
μA
VR = 5V
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The Iv guarantee must be included with ±15% testing tolerance.
5. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram..
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn