Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7324D1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7324D1
Description  FETKY MOSFET / Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7324D1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7324D1 Datasheet HTML 1Page - International Rectifier IRF7324D1 Datasheet HTML 2Page - International Rectifier IRF7324D1 Datasheet HTML 3Page - International Rectifier IRF7324D1 Datasheet HTML 4Page - International Rectifier IRF7324D1 Datasheet HTML 5Page - International Rectifier IRF7324D1 Datasheet HTML 6Page - International Rectifier IRF7324D1 Datasheet HTML 7Page - International Rectifier IRF7324D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
Parameter
Maximum
Units
ID @ TA = 25°C
Continuous Drain Current, V
GS@4.5V

-2.9
A
ID @ TA = 70°C
-2.3
IDM
Pulsed Drain Current Œ
-23
PD @TA = 25°C
Power Dissipation 
2.0
W
PD @TA = 70°C
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt 
-5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to +150
°C
IRF7324D1
PRELIMINARY
PD- 91789
FETKY
MOSFET / Schottky Diode
Notes:
ΠRepetitive rating; pulse width limited by maximum junction temperature (see figure 11)
 I
SD ≤ -2.2A, di/dt ≤ -50A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Ž Pulse width
≤ 300µs; duty cycle ≤ 2%
 Surface mounted on FR-4 board, t
≤ 10sec.
Parameter
Maximum
Units
RθJA
Junction-to-Ambient 
62.5
°C/W
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Thermal Resistance Ratings
The FETKY
family of co-packaged HEXFETs and Schottky diodes offer
the designer
an
innovative board space saving solution for switching
regulator applications. Generation 5 HEXFETs utilize advanced processing
techniques to achieve extremely low on-resistance per silicon area. Combining
this technology
with International Rectifier's low forward drop Schottky
rectifiers results in an extremely efficient device suitable for use in a wide
variety of portable electronics applications.
The SO-8 has been modified through a customized leadframe for enhanced
thermal characteristics. The SO-8 package is designed for vapor phase,
infrared or wave soldering techniques.
Description
VDSS = -20V
RDS(on) = 0.18Ω
Schottky Vf = 0.39V
SO -8
TM
T op V ie w
8
1
2
3
4
5
6
7
A
A
S
G
D
D
K
K
l Co-packaged HEXFET
® Power
MOSFET and Schottky Diode
l Ideal for Mobile Phone Applications
l Generation V Technology
l SO-8 Footprint


Similar Part No. - IRF7324D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7324D1PBF IRF-IRF7324D1PBF Datasheet
134Kb / 8P
   FETKY?줞OSFET / Schottky Diode
More results

Similar Description - IRF7324D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com