Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7333 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7333
Description  Low Power Consumption LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7333 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7333 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7333 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package Information
3-pin TO-92 Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
170
¾
200
B
170
¾
200
C
500
¾¾
D11
¾
20
E90
¾
110
F45
¾
55
G45
¾
65
H
130
¾
160
I8
¾
18
a
4
°¾
6
°
HT73XX
Rev. 1.10
6
July 30, 2004
A
B
C
E
F
G
H
D


Similar Part No. - HT7333

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7333 HOLTEK-HT7333 Datasheet
125Kb / 12P
   Low Power Consumption LDO
HT7333-1 HOLTEK-HT7333-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7333-2 HOLTEK-HT7333-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7333-3 HOLTEK-HT7333-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7333-7 HOLTEK-HT7333-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
More results

Similar Description - HT7333

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
logo
Will Semiconductor Ltd.
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Shanghai Leiditech Elec...
LM71XX LEIDITECH-LM71XX Datasheet
1Mb / 12P
   Low dropout micro power consumption LDO
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
   100mA CMOS Low Power LDO Low power consumption
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
   300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com