Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PETP1017 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PETP1017
Description  Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PETP1017 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PETP1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PETP1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Passive IM Response
Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 30 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts PETP1017
URL: https://www.pasternack.com/low-pim-30db-4.3-10-unequaltapper-5.85-ghz-300watts-petp1017-p.aspx
PETP1017
PETP1017 REV 1.1
Low PIM 30 dB 4.3-10 Unequal Tapper From
350 MHz to 5.85 GHz Rated to 300 Watts
RF Tappers Technical Data Sheet


Similar Part No. - PETP1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PETP1010 PASTERNACK-PETP1010 Datasheet
523Kb / 7P
   Low PIM 10 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1011 PASTERNACK-PETP1011 Datasheet
523Kb / 7P
   Low PIM 10 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1012 PASTERNACK-PETP1012 Datasheet
526Kb / 7P
   Low PIM 15 dB 4.1/9.5 Mini DIN Unequal Tapper
PETP1013 PASTERNACK-PETP1013 Datasheet
525Kb / 7P
   Low PIM 15 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1014 PASTERNACK-PETP1014 Datasheet
524Kb / 7P
   Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
More results

Similar Description - PETP1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PETP1011 PASTERNACK-PETP1011 Datasheet
523Kb / 7P
   Low PIM 10 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1005 PASTERNACK-PETP1005 Datasheet
525Kb / 7P
   Low PIM 7 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1013 PASTERNACK-PETP1013 Datasheet
525Kb / 7P
   Low PIM 15 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1003 PASTERNACK-PETP1003 Datasheet
487Kb / 6P
   Low PIM 6 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1007 PASTERNACK-PETP1007 Datasheet
525Kb / 7P
   Low PIM 8 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1009 PASTERNACK-PETP1009 Datasheet
522Kb / 7P
   Low PIM 9 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1001 PASTERNACK-PETP1001 Datasheet
524Kb / 7P
   Low PIM 5 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1015 PASTERNACK-PETP1015 Datasheet
525Kb / 7P
   Low PIM 20 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1016 PASTERNACK-PETP1016 Datasheet
525Kb / 7P
   Low PIM 30 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1010 PASTERNACK-PETP1010 Datasheet
523Kb / 7P
   Low PIM 10 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com