Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C4003 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4003
Description  Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable Using PE-FF430 Coax, RoHS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4003 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4003 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
3
6
9
GHz
Insertion Loss (Max.)
0.22
0.33
0.44
dB/ft
0.72
1.08
1.44
dB/m
dB/m
Power Handling (Max.)
277
215
150
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
PE-FF430
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
6
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Metalized Polymide
Shield Layer 3
Silver Plated Copper Braid
Jacket Material
TPE
Jacket Diameter
0.43 in [10.92 mm]
.
One Time Minimum Bend Radius
1.5 in [38.1 mm]
Flat Plate Crush
1,200 lbs/in [21.43 Kg/mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Male Right Angle
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
PE3C4003 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable Us-
ing PE-FF430 Coax, RoHS PE3C4003
RF Cable Assemblies Technical Data Sheet
PE3C4003
Handheld RF Analyzer Rugged Phase Stable Cable N Male
to N Male Right Angle Cable Using PE-FF430 Coax, RoHS


Similar Part No. - PE3C4003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4003-144 PASTERNACK-PE3C4003-144 Datasheet
462Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable 144 Inch Length Using PE-FF430 Coax, RoHS
PE3C4003-60 PASTERNACK-PE3C4003-60 Datasheet
462Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable 60 Inch Length Using PE-FF430 Coax, RoHS
More results

Similar Description - PE3C4003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4006 PASTERNACK-PE3C4006 Datasheet
453Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable Using PE-FF430 Coax, RoHS
PE3C4005 PASTERNACK-PE3C4005 Datasheet
451Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Cable Using PE-FF430 Coax, RoHS
PE3C4002 PASTERNACK-PE3C4002 Datasheet
458Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Cable Using PE-FF430 Coax, RoHS
PE3C4010 PASTERNACK-PE3C4010 Datasheet
446Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to TNC Male Cable Using PE-FF430 Coax, RoHS
PE3C4008 PASTERNACK-PE3C4008 Datasheet
439Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to SMA Male Cable Using PE-FF430 Coax, RoHS
PE3C4004 PASTERNACK-PE3C4004 Datasheet
448Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-FF430 Coax, RoHS
PE3C4007 PASTERNACK-PE3C4007 Datasheet
452Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-FF430 Coax, RoHS
PE3C4011 PASTERNACK-PE3C4011 Datasheet
454Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to TNC Female Cable Using PE-FF430 Coax, RoHS
PE3C4009 PASTERNACK-PE3C4009 Datasheet
451Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to SMA Female Cable Using PE-FF430 Coax, RoHS
PE3C4003-144 PASTERNACK-PE3C4003-144 Datasheet
462Kb / 6P
   Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Right Angle Cable 144 Inch Length Using PE-FF430 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com