Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1T2-4080000000000 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # L1T2-4080000000000
Description  Extreme efficacy and best performance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1T2-4080000000000 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button L1T2-4080000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 9Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 10Page - Lumileds Lighting Company L1T2-4080000000000 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS133 LUXEON TX Product Datasheet 20170114 ©2017 Lumileds Holding B.V. All rights reserved.
6
Light Output Characteristics
Figure 2 . Typical normalized light output vs . junction temperature for LUXEON TX at 700mA .
Figure 1c. Typical normalized power vs. wavelength for L1T2-xx90000000000 at 700mA, T
j=85ºC .


Similar Part No. - L1T2-4080000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-4080000000000 LUMILEDS-L1T2-4080000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
List of Unclassifed Man...
L1T2-4080000000000 ETC2-L1T2-4080000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L1T2-4080000000000 LUMILEDS-L1T2-4080000000000 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
More results

Similar Description - L1T2-4080000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Lumileds Lighting Compa...
DS160 LUMILEDS-DS160 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
L2T0-4070012M00000 LUMILEDS-L2T0-4070012M00000 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
PB160 LUMILEDS-PB160 Datasheet
1Mb / 2P
   High performance LED modules with extreme efficacy for robust lighting designs
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
saftbatteries
AA86A SAFT-AA86A Datasheet
265Kb / 2P
   Extreme performance
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Intel Corporation
S4600LT2 INTEL-S4600LT2 Datasheet
1Mb / 2P
   Best in class performance, reliability and serviceability for HPC and Datacenter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com