Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HCF4098M013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part No. HCF4098M013TR
Description  DUAL MONOSTABLE MULTIVIBRATOR
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

HCF4098M013TR Datasheet(HTML) 5 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4098B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
RX (KΩ)CX (pF)
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
+TR or -TR to Q or Q
5 to 10000
>15
5
250
500
ns
10
125
250
15
100
200
tWH tWL
Trigger Pulse Width
5 to 10000
>15
5140
70
ns
10
60
30
15
40
20
tTLH
Transition Time
5 to 10000
>15
5
100
200
ns
10
50
100
15
40
80
tTHL
Transition Time
5 to 10000
15 to 10000
5
100
200
ns
10
50
100
15
40
80
5 to 10000
0.01
µF
to 0.1
µF
5
150
300
10
75
150
15
65
130
5 to 10000
0.1
µF
to 1
µF
5
250
500
10
150
300
15
80
160
tPLH tPHL Propagation Delay Time
(Reset)
5 to 10000
>15
5
225
450
ns
10
125
250
15
75
150
tWR
Pulse Width (reset)
100
15
5
200
100
ns
10
80
40
15
60
30
1000
5
1200
600
10
600
300
15
500
250
0.1
µF
5
50
250
µs
10
30
15
15
20
10
tr, tf (TR) Rise or Fall Time (trigger)
5 to 15
100
µs
Pulse Width Match Between
Circuits in Same Package
10
10000
55
10
%
10
7.5
15
15
7.5
15


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn