Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS136 Datasheet(PDF) 19 Page - Lumileds Lighting Company

Part No. DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS136 Datasheet(HTML) 19 Page - Lumileds Lighting Company

Back Button DS136 Datasheet HTML 13Page - Lumileds Lighting Company DS136 Datasheet HTML 14Page - Lumileds Lighting Company DS136 Datasheet HTML 15Page - Lumileds Lighting Company DS136 Datasheet HTML 16Page - Lumileds Lighting Company DS136 Datasheet HTML 17Page - Lumileds Lighting Company DS136 Datasheet HTML 18Page - Lumileds Lighting Company DS136 Datasheet HTML 19Page - Lumileds Lighting Company DS136 Datasheet HTML 20Page - Lumileds Lighting Company DS136 Datasheet HTML 21Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
18
Packaging Information
Pocket Tape Dimensions
Notes for Figure 11:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Figure 11: Pocket Tape dimensions for LUXEON MZ .


Similar Part No. - DS136

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
DS13-1000 MACOM-DS13-1000 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1001 MACOM-DS13-1001 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1002 MACOM-DS13-1002 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1Y MACOM-DS13-1Y Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
Astec America, Inc
Astec America, Inc
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
   1300 Watts 12V Distributed Power System
More results

Similar Description - DS136

ManufacturerPart No.DatasheetDescription
Lumileds Lighting Company
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
List of Unclassifed Manufacturers
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
Fairchild Semiconductor
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
National Semiconductor (TI)
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
Ledil, Inc.
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
NXP Semiconductors
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
Ledil, Inc.
Ledil, Inc.
C16926 LEDIL-C16926 Datasheet
3Mb / 12P
   Excellent longitudinal luminance uniformity EN13201 M-class
Mallory Sonalert Products Inc
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz