Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS136 Datasheet(PDF) 17 Page - Lumileds Lighting Company

Part No. DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMILEDS [Lumileds Lighting Company]
Homepage  http://www.luxeon.com
Logo 

DS136 Datasheet(HTML) 17 Page - Lumileds Lighting Company

 
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
16
Reflow Soldering Guidelines
Table 10. Reflow profile characteristics for LUXEON MZ.
PROFILE FEATURE
LEAD-FREE ASSEMBLY
Preheat Minimum Temperature (T
smin)
150°C
Preheat Maximum Temperature (T
smax)
200°C
Preheat Time (t
smin to tsmax)
60 to 120 seconds
Ramp-Up Rate (T
smax to Tp)
3°C / second maximum
Liquidus Temperature (T
L)
217°C
Time Maintained Above Temperature T
L (tL)
60 to 150 seconds
Peak / Classification Temperature (T
p)
260°C
Time Within 5°C of Actual Temperature (t
p)
20 to 40 seconds
Ramp-Down Rate
6°C / second maximum
Time 25°C to Peak Temperature
8 minutes maximum
JEDEC Moisture Sensitivity
Table 11 . Moisture sensitivity levels for LUXEON MZ .
LEVEL
FLOOR LIFE
SOAK REQUIREMENTS STANDARD
TIME
CONDITIONS
TIME
CONDITIONS
1
Unlimited
≤30°C / 85% RH
168 Hours +5 / -0
85°C / 85% RH
Figure 9: Visualization of the acceptable reflow temperature profile as specified in Table 10.
T
p
T
L
25
Time 25ºC to Peak
JEDEC J-STD-020D
Critical Zone
T
L to Tp
t
L
t
p
Ramp-up
Ramp-down
Time
t
s
Preheat Area
T
smax
T
smin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn