Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS136 Datasheet(PDF) 15 Page - Lumileds Lighting Company

Part No. DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS136 Datasheet(HTML) 15 Page - Lumileds Lighting Company

Back Button DS136 Datasheet HTML 11Page - Lumileds Lighting Company DS136 Datasheet HTML 12Page - Lumileds Lighting Company DS136 Datasheet HTML 13Page - Lumileds Lighting Company DS136 Datasheet HTML 14Page - Lumileds Lighting Company DS136 Datasheet HTML 15Page - Lumileds Lighting Company DS136 Datasheet HTML 16Page - Lumileds Lighting Company DS136 Datasheet HTML 17Page - Lumileds Lighting Company DS136 Datasheet HTML 18Page - Lumileds Lighting Company DS136 Datasheet HTML 19Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
14
Color Bin Definition
Table 7. 3- and 5-step MacAdam ellipse color bin definitions for LUXEON MZ.
NOMINAL CCT
COLOR SPACE
CENTER POINT
(cx, cy)
MAJOR AXIS,
a
MINOR AXIS,
b
ELLIPSE ROTATION
ANGLE, θ
2700K
Single 3-step MacAdam ellipse
0.4578, 0.4101
0.00810
0.00420
53.70
3000K
Single 3-step MacAdam ellipse
0.4338, 0.4030
0.00834
0.00408
53.22
3500K
Single 3-step MacAdam ellipse
0.4073, 0.3917
0.00927
0.00414
54.00
4000K
Single 3-step MacAdam ellipse
0.3818, 0.3797
0.00939
0.00402
53.72
5000K
Single 3-step MacAdam ellipse
0.3447, 0.3553
0.00822
0.00354
59.62
3000K
Single 5-step MacAdam ellipse
0.4338, 0.4030
0.01390
0.00680
53.22
4000K
Single 5-step MacAdam ellipse
0.3818, 0.3797
0.01565
0.00670
53.72
5000K
Single 5-step MacAdam ellipse
0.3447, 0.3553
0.01370
0.00590
59.62
5700K
Single 5-step MacAdam ellipse
0.3287, 0.3417
0.01243
0.00533
59.09
6500K
Single 5-step MacAdam ellipse
0.3123, 0.3282
0.01115
0.00475
58.57
Notes for Table 7:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Dominant Wavelength Bins
Table 8. Dominant wavelength bin definition for LUXEON MZ Royal Blue.
BIN
DOMINANT WAVELENGTH (nm)
MINIMUM
MAXIMUM
4
445
450
5
450
455
6
455
460
Notes for Table 8:
1. Lumileds maintains a tolerance of ±0.5nm on dominant wavelength measurements.
Figure 7: 3- and 5-step MacAdam ellipse illustration for Table 7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn