Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS136 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part No. DS136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS136 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS136 Datasheet HTML 1Page - Lumileds Lighting Company DS136 Datasheet HTML 2Page - Lumileds Lighting Company DS136 Datasheet HTML 3Page - Lumileds Lighting Company DS136 Datasheet HTML 4Page - Lumileds Lighting Company DS136 Datasheet HTML 5Page - Lumileds Lighting Company DS136 Datasheet HTML 6Page - Lumileds Lighting Company DS136 Datasheet HTML 7Page - Lumileds Lighting Company DS136 Datasheet HTML 8Page - Lumileds Lighting Company DS136 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ILLUMINATION
DS136 LUXEON MZ Product Datasheet ©2015 Lumileds Holding B.V. All rights reserved.
RoHS
COMPLIANT
No. E352519
LUXEON MZ is an undomed multi-die LED designed to enable outdoor and
industrial applications with all of the features of LUXEON M including the
identical solder footprint, but allowing for tighter beam control and higher
punch due to a smaller apparent source size. With Freedom from Binning
and leading performance, LUXEON MZ falls within a single 3- or 5-step
MacAdam ellipse centered in ANSI to ensure color consistency from LED
to LED, delivering high efficacy and high flux density from a uniform source
with tight correlated color temperature control. The superior quality of
light, volume of lumens, and real world efficacy enable leading performance
and efficient solution development in a wide variety of lighting segments.
LUXEON MZ
Best combination of brightness, uniformity
and luminance enabling precision light control
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Undomed package for improved punch and exceptional luminance
High Bay & Low Bay
Common footprint as LUXEON M for compatibility with existing designs
Lamps
Industry leading 11.2V package delivers exceptional efficacy
Outdoor
Leading thermal resistance enables flexible system design to optimize for
lm/$ and lm/W
Specialty Lighting
Exceeds ENERGY STAR® lumen maintenance requirements
Spotlights


Similar Part No. - DS136

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
DS13-1000 MACOM-DS13-1000 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1001 MACOM-DS13-1001 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1002 MACOM-DS13-1002 Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
DS13-1Y MACOM-DS13-1Y Datasheet
180Kb / 4P
   DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
Astec America, Inc
Astec America, Inc
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
   1300 Watts 12V Distributed Power System
More results

Similar Description - DS136

ManufacturerPart No.DatasheetDescription
Lumileds Lighting Company
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
List of Unclassifed Manufacturers
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
Fairchild Semiconductor
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
National Semiconductor (TI)
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
Ledil, Inc.
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
NXP Semiconductors
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
Ledil, Inc.
Ledil, Inc.
C16926 LEDIL-C16926 Datasheet
3Mb / 12P
   Excellent longitudinal luminance uniformity EN13201 M-class
Mallory Sonalert Products Inc
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz