Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXS7-PW57-0024 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXS7-PW57-0024
Description  Best punch and easy integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXS7-PW57-0024 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXS7-PW57-0024 Datasheet HTML 3Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 4Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 5Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 6Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 7Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 8Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 9Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 10Page - Lumileds Lighting Company LXS7-PW57-0024 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS113 LUXEON S Product Datasheet 20180401 ©2018 Lumileds Holding B.V. All rights reserved.
6
Electrical Characteristics
Electrical Characteristics at T
j = 85ºC, If= 700mA
Table 6. Electrical Characteristics at T
j = 85ºC, If= 700mA
Part Number
Forward Voltage V
f
[1]
(V)
Typ. Temperature
Coefficient
of Forward Voltage [2]
(mV/°C)
DV
F / DTJ
Typical Thermal
Resistance
Junction to Thermal Pad
(°C/W)
Ru
J-C
Minimum
Typical
Maximum
LXSx-Pxxx-0017(N)
45.0
47.0
50.0
-28 to -32
0.85
LXSx-Pxxx-0024(N)
65.0
67.5
70.0
-41 to -46
0.50
LXSx-Pxxx-0041(N)
112
115
119
-71 to -87
0.40
Notes for Table 6:
1. Tolerance of ±0.06V per single emitter (±1.02V for LXSx-PWxx-0017, ±1.44V for LXSx-PWxx-0024, ±2.46V for LXSx-PWxx-0041).
2. Measured at 25°C < T
j < 105°C at If = 700mA.
3. Junction temperature to back of the PCB.
Absolute Maximum Ratings
Table 7. Operating Condition and Ratings
Parameter
Maximum Performance
DC Forward Current
1050mA [2]
Peak Pulsed Forward Current
1250mA [3]
ESD Sensitivity
< 8000V Human Body Model (HBM) Class 3A JESD22-A114-E
< 400V Machine Model (MM) Class B JESD22-A115-B
Storage Temperature
-40°C - 120°C
LED Junction Temperature [1]
135°C
Operating Case Temperature at 700mA
-40°C - 120°C
Reverse Voltage
LUXEON S LEDs are not designed to be driven in reverse bias
Notes for Table 7:
1. Proper current derating must be observed to maintain junction temperature below the maximum, please see preliminary application brief for additional information on
thermal measurement guidelines.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple’, with frequencies ≥ 100 Hz and amplitude
≤ 200mA are acceptable, assuming the average current throughout each cycle does not exceed 1050mA.
3. Pulsed operation with a peak drive current of 1250mA is acceptable if the pulse on-time is ≤ 5 ms per cycle and the duty cycle is ≤ 50.


Similar Part No. - LXS7-PW57-0024

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Banner Engineering Corp...
LXS12 BANNER-LXS12 Datasheet
67Kb / 2P
   LX Series Lens Shields
LXS12 BANNER-LXS12 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
LXS15 BANNER-LXS15 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
LXS18 BANNER-LXS18 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
More results

Similar Description - LXS7-PW57-0024

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Taoglas antenna solutio...
CBD02.07.0100C TAOGLAS-CBD02.07.0100C Datasheet
6Mb / 20P
   Flexible for easy integration
logo
List of Unclassifed Man...
SHT7X ETC2-SHT7X_15 Datasheet
286Kb / 12P
   Pin type package ??easy integration
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
logo
Lumileds Lighting Compa...
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
List of Unclassifed Man...
313-3369 ETC2-313-3369 Datasheet
34Kb / 1P
   Punch and Chisel Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com