Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS133 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS133
Description  Extreme efficacy and best performance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS133 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS133 Datasheet HTML 1Page - Lumileds Lighting Company DS133 Datasheet HTML 2Page - Lumileds Lighting Company DS133 Datasheet HTML 3Page - Lumileds Lighting Company DS133 Datasheet HTML 4Page - Lumileds Lighting Company DS133 Datasheet HTML 5Page - Lumileds Lighting Company DS133 Datasheet HTML 6Page - Lumileds Lighting Company DS133 Datasheet HTML 7Page - Lumileds Lighting Company DS133 Datasheet HTML 8Page - Lumileds Lighting Company DS133 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS133 LUXEON TX Product Datasheet 20170114 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON TX at 700mA and 350mA, T
j=85ºC .
nomInal
cct
mInImum
crI [1, 2]
lumInous FluX [1] (lm)
tyPIcal
lumInous
EFFIcacy (lm/W)
tyPIcal
lumInous
FluX (lm)
tyPIcal
lumInous
EFFIcacy (lm/W)
Part numBEr
mInImum
tyPIcal
700ma
350ma
3000K
70
250
270
136
150
155
L1T2-3070000000000
4000K
70
280
295
148
160
164
L1T2-4070000000000
5000K
70
280
295
148
160
164
L1T2-5070000000000
5700K
70
280
295
148
160
164
L1T2-5770000000000
6500K
70
280
295
148
160
164
L1T2-6570000000000
2700K
80
200
216
110
118
124
L1T2-2780000000000
3000K
80
210
227
116
124
131
L1T2-3080000000000
3500K
80
220
238
121
130
137
L1T2-3580000000000
4000K
80
230
247
126
136
143
L1T2-4080000000000
5000K
80
230
247
126
136
143
L1T2-5080000000000
2700K
85
170
186
95
102
108
L1T2-2785000000000
3000K
85
180
197
101
108
114
L1T2-3085000000000
3500K
85
190
208
106
114
120
L1T2-3585000000000
4000K
85
200
217
111
120
127
L1T2-4085000000000
5000K
85
200
217
111
120
127
L1T2-5085000000000
2700K
90
160
175
89
96
101
L1T2-2790000000000
3000K
90
170
188
96
103
109
L1T2-3090000000000
5700K
90
200
213
109
117
123
L1T2-5790000000000
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Optical Characteristics
Table 2 . Optical characteristics for LUXEON TX at 700mA, T
j=85ºC .
Part numBEr
tyPIcal total IncludEd anglE [1]
tyPIcal VIEWIng anglE [2]
L1T2-xxxx000000000
160°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - DS133

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330AB DALLAS-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
logo
Dallas Semiconductor
DS1330ABP-100 DALLAS-DS1330ABP-100 Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330ABP-100-IND DALLAS-DS1330ABP-100-IND Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
More results

Similar Description - DS133

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Lumileds Lighting Compa...
DS160 LUMILEDS-DS160 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
L2T0-4070012M00000 LUMILEDS-L2T0-4070012M00000 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
PB160 LUMILEDS-PB160 Datasheet
1Mb / 2P
   High performance LED modules with extreme efficacy for robust lighting designs
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
saftbatteries
AA86A SAFT-AA86A Datasheet
265Kb / 2P
   Extreme performance
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Intel Corporation
S4600LT2 INTEL-S4600LT2 Datasheet
1Mb / 2P
   Best in class performance, reliability and serviceability for HPC and Datacenter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com