Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1Q0-577000000ZZZ0 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1Q0-577000000ZZZ0
Description  Standard ceramic 3535 footprint delivering high efficacy at high-drive current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1Q0-577000000ZZZ0 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1Q0-577000000ZZZ0 Datasheet HTML 1Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 2Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 3Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 4Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 5Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 6Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 7Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 8Page - Lumileds Lighting Company L1Q0-577000000ZZZ0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS118 LUXEON Q Product Datasheet 20180327 ©2018 Lumileds Holding B.V. All rights reserved.
3
Product Selection & Optical Characteristics
Product Selection Guide for LUXEON Q Emitters
Junction Temperature = 85°C
Table 1.
Typical Performance Characteristics at 350mA, 700mA, and 1000mA for LUXEON Q, Junction Temperature = 85°C
Part Number
Nominal
ANSI CCT
CRI
Luminous Flux
(Lm) Min
Typical Luminous Flux
(Lm)
Typical Forward
Voltage (V
f)
Typical Efficacy
(Lm/W)
350mA
350
mA
700
mA
1000
mA
350
mA
700
mA
1000
mA
350
mA
700
mA
1000
mA
L1Q0-278000000zzz0
2700K
80
80
113
199
261
2.81
2.93
2.99
115
97
87
L1Q0-308000000zzz0
3000K
80
90
115
204
270
2.81
2.93
2.99
117
99
88
L1Q0-358000000zzz0
3500K
80
90
117
209
278
2.81
2.93
2.99
119
102
92
L1Q0-407000000zzz0
4000K
70
110
132
236
313
2.81
2.93
2.99
134
115
104
L1Q0-507000000zzz0
5000K
70
110
133
237
315
2.81
2.93
2.99
135
116
105
L1Q0-577000000zzz0
5700K
70
110
134
241
320
2.81
2.93
2.99
136
118
106
Notes for Table 1:
1. Lumileds maintains a tolerance of ± 6.5% on luminous flux and ± 2 on CRI measurements.
Optical Characteristics
LUXEON Q at Test Current [1], Junction Temperature = 85°C
Table 2.
Nominal
ANSI CCT
Part
Number
Typical
Color Temperature
CCT
Typical Total Included
Angle [2]
(degrees)
θ
0.90V
Typical Viewing Angle [3]
(degrees)
2
θ 1/2
2700K
L1Q0-278000000zzz0
2725K
160
135
3000K
L1Q0-308000000zzz0
3045K
160
135
3500K
L1Q0-358000000zzz0
3465K
160
135
4000K
L1Q0-407000000zzz0
3985K
160
135
5000K
L1Q0-507500000zzz0
5028K
160
135
5700K
L1Q0-577000000zzz0
5665K
160
135
Notes for Table 2:
1. Test current is 350mA D.C. for all L1Q0-xxyy00000zzz0 emitters.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is 1/2 of the peak value.


Similar Part No. - L1Q0-577000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1Q0-577000000ZZZ0 LUMILEDS-L1Q0-577000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
More results

Similar Description - L1Q0-577000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
   High efficacy with industry standard footprint
20191013
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
MXA8-PW27-0000 LUMILEDS-MXA8-PW27-0000 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
logo
Inolux Corporation
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
   3535 High Power LED
logo
Lumileds Lighting Compa...
PB203 LUMILEDS-PB203 Datasheet
1Mb / 3P
   High efficacy in a 3535 package with full range of CCTs and CRIs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com