Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXR7-QW40 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXR7-QW40
Description  Brightest, most uniform and highest efficacy multi-die emitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXR7-QW40 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXR7-QW40 Datasheet HTML 1Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 2Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 3Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 4Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 5Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 6Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 7Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 8Page - Lumileds Lighting Company LXR7-QW40 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS103 LUXEON M Product Datasheet 20150820 ©2015 Lumileds Holding B.V. All rights reserved.
4
Optical Characteristics
Table 2. Optical characteristics for LUXEON M at test current, T
j=85°C .
PART NUMBER
TYPICAL TOTAL INCLUDED ANGLE [1]
TYPICAL VIEWING ANGLE [2]
LXRx-xxxx
140°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON M at test current, Tj=85ºC.
PART NUMBER
FORWARD VOLTAGE (V) [1]
TYPICAL TEMPERATURE
COEFFICIENT OF FORWARD
VOLTAGE (mV/°C) [2]
TYPICAL THERMAL
RESISTANCE — JUNCTION
TO SOLDER PAD (°C/W)
MINIMUM
TYPICAL
MAXIMUM
LXRx-Sxxx
10.50
11.20
11.70
-5.50
1.25
LXRx-Rxxx
5.25
5.60
6.00
-2.75
1.25
LXRx-Qxxx
2.63
2.80
3.00
-1.38
1.25
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C and 135°C.


Similar Part No. - LXR7-QW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR7-QW40 LUMILEDS-LXR7-QW40 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
More results

Similar Description - LXR7-QW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com