Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS120 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS120
Description  Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS120 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS120 Datasheet HTML 6Page - Lumileds Lighting Company DS120 Datasheet HTML 7Page - Lumileds Lighting Company DS120 Datasheet HTML 8Page - Lumileds Lighting Company DS120 Datasheet HTML 9Page - Lumileds Lighting Company DS120 Datasheet HTML 10Page - Lumileds Lighting Company DS120 Datasheet HTML 11Page - Lumileds Lighting Company DS120 Datasheet HTML 12Page - Lumileds Lighting Company DS120 Datasheet HTML 13Page - Lumileds Lighting Company DS120 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS120 LUXEON Z Product Datasheet 20170327 ©2017 Lumileds Holding B.V. All rights reserved.
9
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak or
dominant wavelength and forward voltage.
LUXEON Z LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
A
designates luminous fluxbin (example: B=110 to 120 lumens, C=120 to 130 lumens)
B C
designates color bin (example: 3L, 3U, 5A, 5B, 5C, 5D)
D
designates forward voltage bin (example: P=2.50 to 2.75V, R=2.75 to 3.00V)
Therefore, a LUXEON Z with a lumen range of 110 to 120, color bin of 5A and a forward voltage range of 2.75 to 3.00V has the
following CAT code:
B 5 A R
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON Z emitters. Although several bins are outlined, product availability in a
particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON Z.
BIN
LUMINOUS FLUX [1] (lm)
MINIMUM
MAXIMUM
A
100
110
B
110
120
C
120
130
D
130
140
E
140
150
F
150
160
G
160
170
H
170
180
J
180
190
K
190
200
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.


Similar Part No. - DS120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
   Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
   Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Maxim Integrated Produc...
DS1200 MAXIM-DS1200 Datasheet
233Kb / 7P
   Serial RAM Chip
092702
logo
Advanced Energy Industr...
DS1200 ADVANCEDENERGY-DS1200 Datasheet
998Kb / 7P
   1200 Watts Distributed Power System
02 4.16
More results

Similar Description - DS120

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ1-6565 LUMILEDS-LXZ1-6565 Datasheet
2Mb / 17P
   Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
20170327
PB120 LUMILEDS-PB120 Datasheet
1Mb / 2P
   Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
List of Unclassifed Man...
GXB1000 ETC-GXB1000 Datasheet
185Kb / 2P
   Industry?셲 Smallest GPS Receiver Module
logo
alpha microelectronics ...
A3130 ALPHA-MICRO-A3130 Datasheet
99Kb / 1P
   universal DSP-based PFC solution to be used in applications requiring power factor values close to unity
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
   The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
Microchip Technology
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
logo
JDS Uniphase Corporatio...
ETB8000EHP JDSU-ETB8000EHP Datasheet
621Kb / 2P
   The industry?셲 most compact 100 G test solution
logo
Microchip Technology
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB333X MICROCHIP-USB333X Datasheet
1Mb / 85P
   Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
03/25/14
logo
Diodes Incorporated
ZXTN26020DMF_V1 DIODES-ZXTN26020DMF_V1 Datasheet
259Kb / 2P
   Industry smallest 1.5A transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com