Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS115 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # DS115
Description  High-efficacy LED with a small light emitting surface and greater uniformity of light
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS115 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button DS115 Datasheet HTML 7Page - Lumileds Lighting Company DS115 Datasheet HTML 8Page - Lumileds Lighting Company DS115 Datasheet HTML 9Page - Lumileds Lighting Company DS115 Datasheet HTML 10Page - Lumileds Lighting Company DS115 Datasheet HTML 11Page - Lumileds Lighting Company DS115 Datasheet HTML 12Page - Lumileds Lighting Company DS115 Datasheet HTML 13Page - Lumileds Lighting Company DS115 Datasheet HTML 14Page - Lumileds Lighting Company DS115 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DS115 LUXEON CoB Core Range Product Datasheet 20161007 ©2016 Lumileds Holding B.V. All rights reserved.
10
Figure 3c . Typical normalized light output vs . forward current for LHC1–xxxx–1204, T
j=85ºC .
Figure 3d . Typical normalized light output vs . forward current for LHC1–xxxx–1205, T
j=85ºC .


Similar Part No. - DS115

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS115W YFWDIODE-DS115W Datasheet
84Kb / 3P
   Surface Mount Schottky Barrier Rectifier
DS115W YFWDIODE-DS115W Datasheet
409Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS115W RECTRON-DS115W Datasheet
309Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS115W RECTRON-DS115W Datasheet
312Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
AiT Semiconductor Inc.
DS115W AITSEMI-DS115W Datasheet
716Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
More results

Similar Description - DS115

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-R100 AVAGO-HLMP-R100 Datasheet
281Kb / 8P
   Rectangular light emitting surface
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
   Rectangular light emitting surface
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com