Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXS9-PW30-0017 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXS9-PW30-0017
Description  Best punch and easy integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXS9-PW30-0017 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXS9-PW30-0017 Datasheet HTML 1Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 2Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 3Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 4Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 5Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 6Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 7Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 8Page - Lumileds Lighting Company LXS9-PW30-0017 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS113 LUXEON S Product Datasheet 20180401 ©2018 Lumileds Holding B.V. All rights reserved.
4
Product Selection
Product Performance and Characterization Guide
Table 1. Performance Characteristics for LUXEON S2000 / LXSx-PWxx-0017(N) at T
j = 85ºC, If = 700mA
Nominal
CCT
Part
Number
Luminous Flux (Lm)
@ 700mA, 85ºC (V)
CRI
R9
Minimum
Typical
Minimum
Typical
Minimum
Typical
2700K
LXS9-PW27-0017(N)
2350
2550
>90
96
>80
87
2700K
LXS8-PW27-0017(N)
2700
2850
>80
83
>10
18
3000K
LXS9-PW30-0017(N)
2400
2600
>90
96
>80
87
3000K
LXS8-PW30-0017(N)
2725
2900
>80
83
>10
18
3500K
LXS8-PW35-0017(N)
3000
3200
>80
83
>10
18
4000K
LXS7-PW40-0017(N)
3375
3600
>70
72
n/a
n/a
4000K
LXS8-PW40-0017(N)
3100
3300
>80
83
>10
18
5000K
LXS7-PW50-0017(N)
3550
3800
>70
72
n/a
n/a
5000K
LXS8-PW50-0017(N)
3100
3300
>80
83
>10
18
5700K
LXS7-PW57-0017(N)
3550
3800
>70
72
n/a
n/a
Note for Table 1:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux and ±2 on CRI measurements.
Table 2. Performance Characteristics for LUXEON S3000 / LXSx-PWxx-0024(N) at T
j = 85ºC, If = 700mA
Nominal
CCT
Part
Number
Luminous Flux (Lm)
@ 700mA, 85ºC (V)
CRI
R9
Minimum
Typical
Minimum
Typical
Minimum
Typical
2700K
LXS9-PW27-0024(N)
3300
3350
>90
96
>80
87
2700K
LXS8-PW27-0024(N)
3800
4050
>80
83
>10
18
3000K
LXS9-PW30-0024(N)
3350
3600
>90
96
>80
87
3000K
LXS8-PW30-0024(N)
3850
4100
>80
83
>10
18
3500K
LXS8-PW35-0024(N)
4250
4550
>80
83
>10
18
4000K
LXS7-PW40-0024(N)
4775
5100
>70
72
n/a
n/a
4000K
LXS8-PW40-0024(N)
4375
4650
>80
83
>10
18
5000K
LXS7-PW50-0024(N)
5000
5400
>70
72
n/a
n/a
5000K
LXS8-PW50-0024(N)
4375
4650
>80
83
>10
18
5700K
LXS7-PW57-0024(N)
5000
5400
>70
72
n/a
n/a
Note for Table 2:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux and ±2 on CRI measurements.


Similar Part No. - LXS9-PW30-0017

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXS9-PW30-0017 LUMILEDS-LXS9-PW30-0017 Datasheet
1Mb / 16P
   High flux density with compact light
More results

Similar Description - LXS9-PW30-0017

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Taoglas antenna solutio...
CBD02.07.0100C TAOGLAS-CBD02.07.0100C Datasheet
6Mb / 20P
   Flexible for easy integration
logo
List of Unclassifed Man...
SHT7X ETC2-SHT7X_15 Datasheet
286Kb / 12P
   Pin type package ??easy integration
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
logo
Lumileds Lighting Compa...
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
List of Unclassifed Man...
313-3369 ETC2-313-3369 Datasheet
34Kb / 1P
   Punch and Chisel Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com