Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFMH-L1A-0090 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LFMH-L1A-0090
Description  Industry-leading solutions for turn applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LFMH-L1A-0090 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LFMH-L1A-0090 Datasheet HTML 1Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 2Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 3Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 4Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 5Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 6Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 7Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 8Page - Lumileds Lighting Company LFMH-L1A-0090 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS109 LUXEON F PC Amber Product Datasheet 20170507 ©2017 Lumileds Holding B.V. All rights reserved.
4
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON F PC Amber and LUXEON F Plus PC Amber at MP specified test current,
T
C=85°C .
PArT NUMBEr
FOrWArd
VOLTAGE (V) [1]
dyNAMIC
rEsIsTANCE [2]
(Ω) R
d
TEMPErATUrE
COEFFICIENT OF
FOrWArd
VOLTAGE [3]
(mV/°C) ΔV
f / ΔTj
TyPICAL THErMAL rEsIsTANCE —
JUNCTION TO CAsE (°C/W)
j-c el
[4]
j-c real
[5]
MINIMUM
MAXIMUM
TyPICAL
MAXIMUM
TyPICAL
MAXIMUM
LFMH-L1A-0XXX
2.55
3.27
0.3
-2.1
2.50
2.80
3.27
3.66
LFMH-L1C-0XXX
2.55
3.27
0.2
-2.5
2.50
2.80
3.04
3.40
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs.
3. Measured between T
c=80°C and Tc=90°C at binning current.
4. Rθ
j-c electr: Electrical thermal resistance (junction to case).
5. Rθ
j-c real: Real thermal resistance (junction to case) with wall plug efficiency included. Reference JESD51-51, JESD51-14, 4.1.3.
Absolute Ratings
Table 4 . Absolute ratings for LUXEON F PC Amber and LUXEON F Plus PC Amber .
PArAMETEr
PErFOrMANCE
Minimum DC Forward Current
50mA
Maximum DC Forward Current
700mA for LUXEON F PC Amber
1000mA for LUXEON F Plus PC Amber
Maximum Junction Temperature [1]
135°C
Operating Case Temperature at Test Current [1]
-40°C to 125°C
Operating Case Temperature at Maximum Current [1]
-40°C to 125°C
Storage Temperature
-40°C to 130°C
Maximum Soldering Temperature
260°C
Allowable Reflow Cycles
3
ESD Sensitivity [2]
±8 kV HBM, ±400 V MM, ±2kV CDM
Reverse Voltage (V
r)
LUXEON F LEDs are not designed to be driven in reverse bias
Autoclave Conditions
121°C at 2 ATM 100% Relative Humidity for 96 Hours Maximum
Notes for Table 4:
1. Proper current derating must be used to maintain junction temperature below the maximum. LUXEON F LEDs driven at or above the maximum LED case temperature
may have shorter lifetime.
2. Measured using human body model (per JESD22 A114), machine model (per JESD22 A115) and charged device model (per JESD22 C101).


Similar Part No. - LFMH-L1A-0090

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LFMH-C1A-0100 LUMILEDS-LFMH-C1A-0100 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
LFMH-C1A-0110 LUMILEDS-LFMH-C1A-0110 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
LFMH-C1A-0120 LUMILEDS-LFMH-C1A-0120 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
LFMH-C1C-0268 LUMILEDS-LFMH-C1C-0268 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
LFMH-C1C-0288 LUMILEDS-LFMH-C1C-0288 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
More results

Similar Description - LFMH-L1A-0090

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
   Industry-leading solutions for turn applications
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
   Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
   Industry Leading Performance for Deep Learning1
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
   Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com