Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS112 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS112
Description  Industry-leading solutions for light guide DRL, and signature lamps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS112 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS112 Datasheet HTML 1Page - Lumileds Lighting Company DS112 Datasheet HTML 2Page - Lumileds Lighting Company DS112 Datasheet HTML 3Page - Lumileds Lighting Company DS112 Datasheet HTML 4Page - Lumileds Lighting Company DS112 Datasheet HTML 5Page - Lumileds Lighting Company DS112 Datasheet HTML 6Page - Lumileds Lighting Company DS112 Datasheet HTML 7Page - Lumileds Lighting Company DS112 Datasheet HTML 8Page - Lumileds Lighting Company DS112 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS112 LUXEON F Cool White Product Datasheet 20170506 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product selection for LUXEON F Cool White at 20ms MP test current, T
c= 85°C .
MInIMUM lUMInOUs FlUX [1] (lm)
TEsT cUrrEnT (mA)
PArT nUMBEr
100
350
LFMH-C1A-0100
110
350
LFMH-C1A-0110
120
350
LFMH-C1A-0120
Notes for Table 1:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Optical Characteristics
Table 2 . Typical optical characteristics for LUXEON F Cool White at 20ms MP test current, T
c=85°C .
PArT nUMBEr
cOrrElATEd cOlOr TEMPErATUrE
TOTAl InclUdEd AnglE [1]
θ
0.90V
VIEWIng AnglE [2]
1/2
MInIMUM
MAXIMUM
LFMH-C1A-0xxx
5180K
6250K
142°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3 . Electrical characteristics for LUXEON F Cool White at 20ms MP test current, T
c = 85°C .
PArT nUMBEr
FOrWArd
VOlTAgE [1] (V
f)
dynAMIc
rEsIsTAncE [2]
(Ω) R
d
TEMPErATUrE
cOEFFIcIEnT OF
FOrWArd
VOlTAgE [3]
(mV/°C) ΔV
f / ΔTj
TyPIcAl ThErMAl rEsIsTAncE—
JUncTIOn TO cAsE (°c/W)
j-c el
[4]
j-c real
[5]
MInIMUM
MAXIMUM
TyPIcAl
MAXIMUM
TyPIcAl
MAXIMUM
LFMH-C1A-0xxx
2.55
3.27
0.3
-2.1
2.4
2.7
3.4
3.8
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs (see Figure 4a. Typical forward current vs. forward voltage).
3. Measured between T
c=80°C and Tc=90°C at binning current.
4. Rθ
j-c el: Electrical thermal resistance (junction to case).
5. Rθ
j-c real: Real thermal resistance (junction to case) with wall plug efficiency included. Reference JESD51-51, JESD51-14, 4.1.3.


Similar Part No. - DS112

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1120 TTELEC-DS1120 Datasheet
722Kb / 4P
   Platon Flow Alarms For Glass VA
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Dallas Semiconductor
DS1123LE-100 DALLAS-DS1123LE-100 Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
More results

Similar Description - DS112

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
   Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
   Industry-leading solutions for turn applications
DS109 LUMILEDS-DS109 Datasheet
1Mb / 17P
   Industry-leading solutions for turn applications
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
   Industry Leading Performance for Deep Learning1
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
   Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com