Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS109 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS109
Description  Industry-leading solutions for turn applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS109 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS109 Datasheet HTML 1Page - Lumileds Lighting Company DS109 Datasheet HTML 2Page - Lumileds Lighting Company DS109 Datasheet HTML 3Page - Lumileds Lighting Company DS109 Datasheet HTML 4Page - Lumileds Lighting Company DS109 Datasheet HTML 5Page - Lumileds Lighting Company DS109 Datasheet HTML 6Page - Lumileds Lighting Company DS109 Datasheet HTML 7Page - Lumileds Lighting Company DS109 Datasheet HTML 8Page - Lumileds Lighting Company DS109 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS109 LUXEON F PC Amber Product Datasheet 20170507 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1. Product selection for LUXEON F PC Amber and LUXEON F Plus PC Amber at 20ms MP specified test current, T
C=85°C .
PrOdUCT
MINIMUM
LUMINOUs FLUX [1] (lm)
TEsT
CUrrENT (mA)
PArT NUMBEr
LUXEON F PC Amber
70
350
LFMH-L1A-0070
80
350
LFMH-L1A-0080
90
350
LFMH-L1A-0090
LUXEON F Plus PC Amber
164
1000
LFMH-L1C-0164
174
1000
LFMH-L1C-0174
185
1000
LFMH-L1C-0185
196
1000
LFMH-L1C-0196
207
1000
LFMH-L1C-0207
Notes for Table 1:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Optical Characteristics
Table 2. Typical optical characteristics for LUXEON F PC Amber and LUXEON F Plus PC Amber at 20ms MP test current, T
C=85°C .
PArT NUMBEr
dOMINANT WAVELENGTH (nm)
sPECTrAL
HALF-WIdTH [1]
(nm) Δλ
1/2
TEMPErATUrE
COEFFICIENT
OF dOMINANT
WAVELENGTH
(nm/°C)
TOTAL
INCLUdEd
ANGLE [2]
θ
0.90V
VIEWING
ANGLE [3]
1/2
MINIMUM
MAXIMUM
LFMH-L1X-0XXX
588.8
592.6
75
0.06
164°
118°
Notes for Table 2:
1. Spectral width at ½ of the peak intensity.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - DS109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1090 MAXIM-DS1090 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1090 MAXIM-DS1090 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090U-1 MAXIM-DS1090U-1 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1090U-1++ MAXIM-DS1090U-1+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS109

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
   Industry-leading solutions for turn applications
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
   Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
   Industry-leading solutions for low and high beam lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
   Industry Leading Performance for Deep Learning1
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
   Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com