Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG-23R Datasheet(PDF) 1 Page - Sanken electric

Part # FMG-23R
Description  Ultra-Fast-Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMG-23R Datasheet(HTML) 1 Page - Sanken electric

  FMG-23R Datasheet HTML 1Page - Sanken electric FMG-23R Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANKEN ELECTRIC CO., LTD.
FMX-2203
031029
1/4
61426-01
1. Scope
The present specifications shall apply to Sanken silicon diode, FMX-2203.
2. Outline
Type
Silicon Diode
Structure
Resin Molded
Flammability:UL94V-0(Equivalent)
Applications
High Frequency Rectification, etc.
3. Absolute maximum ratings
No.
Item
Symbol Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
300
2
Peak Reverse Voltage
VRM
V
300
3
Average Forward Current
IF(AV)
A
20
Rrfer to Derating curve
4
Peak Surge Forward Current
IFSM
A
100
10msec.
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
50
1ms≤t≤10ms
6
Junction Temperature
Tj
°C
40~+150
7
Storage Temperature
Tstg
°C
40~+150
Screwing Torque
N・m
0.59
Dielectric Strength
kV
A.C. 1.0
Junction and case (1 min.)
4. Electrical characteristics (Ta=25℃, unless otherwise specified)
No.
Item
Symbol Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
1.30 max.
IF=10A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
30 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
trr1
ns
30 max.
IF=IRP=500mA,
90% Recovery point, Tj=25°C
trr2
ns
25 max.
IF=0.5A, IRP=1A,
75% Recovery point, Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between junction and case


Similar Part No. - FMG-23R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMG-23R SANKEN-FMG-23R Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Similar Description - FMG-23R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com