Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS107 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS107
Description  The original high power LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS107 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS107 Datasheet HTML 1Page - Lumileds Lighting Company DS107 Datasheet HTML 2Page - Lumileds Lighting Company DS107 Datasheet HTML 3Page - Lumileds Lighting Company DS107 Datasheet HTML 4Page - Lumileds Lighting Company DS107 Datasheet HTML 5Page - Lumileds Lighting Company DS107 Datasheet HTML 6Page - Lumileds Lighting Company DS107 Datasheet HTML 7Page - Lumileds Lighting Company DS107 Datasheet HTML 8Page - Lumileds Lighting Company DS107 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS107 LUXEON Rebel PLUS Product Datasheet 20170712 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1. Product performance of LUXEON Rebel PLUS at 350mA and 700mA, T
j=85°C .
nomInal
cct
mInImum
crI [1, 2]
lumInous FluX [1] (lm)
tyPIcal
lumInous
eFFIcacy (lm/W)
tyPIcal
lumInous
FluX (lm)
tyPIcal
lumInous
eFFIcacy (lm/W)
Part numBer
mInImum
tyPIcal
350ma
700ma
2700K
80
80
85
88
156
78
LX18-P127-x
3000K
80
85
95
98
166
83
LX18-P130-x
3500K
80
90
98
101
172
86
LX18-P135-x
4000K
80
90
103
107
180
90
LX18-P140-x
5000K
80
95
106
110
186
93
LX18-P150-x
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Optical Characteristics
Table 2. Optical characteristics for LUXEON Rebel PLUS at 350mA, T
j=85°C .
Part numBer
tyPIcal total Included angle [1]
tyPIcal VIeWIng angle [2]
LX18-P127-x
160°
120°
LX18-P130-x
160°
120°
LX18-P135-x
160°
120°
LX18-P140-x
160°
120°
LX18-P150-x
160°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - DS107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS1072 ETC-DS1072 Datasheet
316Kb / 1P
   P.C.B CONNECTOR Pitch 3.96mm
DS1072-2MVT6 ETC-DS1072-2MVT6 Datasheet
316Kb / 1P
   P.C.B CONNECTOR Pitch 3.96mm
logo
Dallas Semiconductor
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
DS1073M/Z-100 MAXIM-DS1073M/Z-100 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
More results

Similar Description - DS107

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
   The original high-power LED
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
   The Original MIFARE reader solution
Rev. 3.4-11 February 2014
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
logo
OSRAM GmbH
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
   Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
   Original spare parts
logo
Rohm
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
logo
OSRAM GmbH
3156 OSRAM-3156 Datasheet
127Kb / 4P
   Original spare parts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com