Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWN1-0100 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXML-PWN1-0100
Description  General purpose white
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PWN1-0100 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXML-PWN1-0100 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PWN1-0100 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
7
Absolute Maximum Ratings
Table 5.
Parameter
Cool-White/Neutral-White
DC Forward Current (mA)
1000
Peak Pulsed Forward Current (mA)
1000
Average Forward Current (mA)
1000
ESD Sensitivity
< 8000V Human Body Model (HBM)
Class 2 JESD22-A114-B
< 400V Machine Model (MM)
Class 2 JESD22-A115-B
LED Junction Temperature [1]
150°C
Operating Case Temperature at 350 mA
-40°C - 135°C
Storage Temperature
-40°C - 135°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Autoclave Conditions
121°C at 2 ATM
100% Relative Humidity for 96 Hours Maximum
Reverse Voltage (Vr)
See Note 2
Notes for Table 5:
1. Proper current derating must be observed to maintain junction temperature below the maximum.
2. LUXEON Rebel LEDs are not designed to be driven in reverse bias.
JEDEC Moisture Sensitivity
Table 6.
Soak Requirements
Level
Floor Life
Standard
Time
Conditions
Time
Conditions
1
unlimited
[ 30°C /
168h
85°C / 85%
85% RH
+ 5 / -0
RH


Similar Part No. - LXML-PWN1-0100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWN1-0100 ETC2-LXML-PWN1-0100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
LXML-PWN1-0100 ETC2-LXML-PWN1-0100 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWN1-0100 LUMILEDS-LXML-PWN1-0100 Datasheet
1Mb / 2P
   General purpose white
More results

Similar Description - LXML-PWN1-0100

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB64 LUMILEDS-PB64 Datasheet
1Mb / 2P
   General purpose white
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com