Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS63 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # DS63
Description  Reliable high-power LED that gives you the design flexibility and performance you need
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS63 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button DS63 Datasheet HTML 2Page - Lumileds Lighting Company DS63 Datasheet HTML 3Page - Lumileds Lighting Company DS63 Datasheet HTML 4Page - Lumileds Lighting Company DS63 Datasheet HTML 5Page - Lumileds Lighting Company DS63 Datasheet HTML 6Page - Lumileds Lighting Company DS63 Datasheet HTML 7Page - Lumileds Lighting Company DS63 Datasheet HTML 8Page - Lumileds Lighting Company DS63 Datasheet HTML 9Page - Lumileds Lighting Company DS63 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS063 LUXEON Rebel Product Datasheet 20160627 ©2016 Lumileds Holding B.V. All rights reserved.
5
Reflow Soldering Characteristics
Temperature profile for Table 7.
Table 6.
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate (Ts
max to Tp)
3°C / second max
Preheat Temperature Min (Ts
min)
150°C
Preheat Temperature Max (Ts
max)
200°C
Preheat Time (ts
min to tsmax)
60 - 180 seconds
Temperature (T
L)
217°C
Time Maintained Above Temperature (T
L) (tL)
60 - 150 seconds
Peak / Classification Temperature (T
P)
260°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 - 40 seconds
Ramp - Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Notes for Table 6:
1. All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
JEDEC 020c


Similar Part No. - DS63

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS60 DALLAS-DS60 Datasheet
56Kb / 4P
   Micro-Centigrade Temperature Sensor
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
SICK AG
DS60-N11121 SICK-DS60-N11121 Datasheet
645Kb / 5P
   MID RANGE DISTANCE SENSORS
DS60-N21111 SICK-DS60-N21111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS63

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
List of Unclassifed Man...
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
   Switches that make you smarter
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
List of Unclassifed Man...
RS-1215-20 ETC2-RS-1215-20 Datasheet
473Kb / 4P
   Tripp Lite Power Strip - Multiple outlets wherever you need them
SO239 ETC1-SO239 Datasheet
161Kb / 2P
   For those special projects when you need to mount an SO-239, the DX Engineering
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
logo
Murata Manufacturing Co...
WSN802GDK MURATA-WSN802GDK Datasheet
576Kb / 1P
   Everything you need to get a wireless sensor node up and running in minutes
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com